Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT162245 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74ALVT162245
Description  16-bit transceiver with 30 Ω termination resistors; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162245 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVT162245 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT162245 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT162245 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT162245 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT162245 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT162245 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT162245 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162245 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
74ALVT162245
16-bit transceiver with 30 Ω termination resistors; 3-state
4. Functional diagram
Table 2.
1DIR
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1OE
2DIR
2OE
001aaa789
Fig. 1. Logic symbol
G3
G6
3EN1[BA]
6EN4[BA]
3EN2[AB]
6EN5[AB]
1A0
2A1
2A0
2A2
2A3
2A4
2A5
2A6
2A7
2B1
2B2
2B3
2B4
2B5
2B6
2B7
1OE
1DIR
001aaa790
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
2B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
5
4
2
1
2OE
2DIR
Fig. 2. IEC logic symbol
001aac372
output
VCC
VCC
27 Ω
27 Ω
Fig. 3. Schematic of each output
74ALVT162245
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 3 February 2021
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com