Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP4T245 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74AXP4T245
Description  4-bit dual supply translating transceiver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP4T245 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74AXP4T245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP4T245 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP4T245 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP4T245 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP4T245 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP4T245 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP4T245 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP4T245 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AXP4T245 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Nexperia
74AXP4T245
4-bit dual supply translating transceiver; 3-state
VCC(B)
1.2 V ± 0.1 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
nOE to nAn
[1]
VCC(A) = 1.2 V ± 0.1 V
4.9
36
4.9
36
4.9
36
4.9
36
4.9
36
4.9
36
ns
VCC(A) = 1.5 V ± 0.1 V
3.9
22
3.9
22
3.9
22
3.9
22
3.9
22
3.9
22
ns
VCC(A) = 1.8 V ± 0.15 V
4
19
4
19
4
19
4
19
4
19
4
19
ns
VCC(A) = 2.5 V ± 0.2 V
2.9
13
2.9
13
2.9
13
2.9
13
2.9
13
2.9
13
ns
VCC(A) = 3.3 V ± 0.3 V
3.5
13
3.5
13
3.5
13
3.5
13
3.5
13
3.5
13
ns
VCC(A) = 5.0 V ± 0.5 V
2.4
9.7
2.4
9.7
2.4
9.7
2.4
9.7
2.4
9.7
2.4
9.7
ns
nOE to nBn
VCC(A) = 1.2 V ± 0.1 V
5.6
41
4.8
32
5.1
30
4.4
26
5.1
27
4.1
24
ns
VCC(A) = 1.5 V ± 0.1 V
5.1
34
4.4
25
4.6
23
3.8
18.5
4.6
19.5
3.6
17
ns
VCC(A) = 1.8 V ± 0.15 V
4.7
32
4
23
4.3
21
3.4
16.5
4.2
17.5
3.3
15
ns
VCC(A) = 2.5 V ± 0.2 V
4.3
29.5
3.6
20.6
3.9
18.5
3
14.5
3.9
15
2.9
12.1
ns
VCC(A) = 3.3 V ± 0.3 V
4.2
29
3.5
19.5
3.7
17.5
2.9
13.5
3.7
14
2.7
11
ns
tdis
disable time
VCC(A) = 5.0 V ± 0.5 V
4.1
28
3.3
19
3.6
16.5
2.7
12.5
3.5
13
2.5
10
ns
nAn, nBn output
tt
transition
time
VCC(A) = 1.1 V to 5.5 V
1
-
1
-
1
-
1
-
1
-
1
-
ns
[1] tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
74AXP4T245
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 6 February 2020
13 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com