Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG-AS808 Datasheet(PDF) 1 Page - T-Global Technology

Part # TG-AS808
Description  Thermal Grease
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TG-AS808 Datasheet(HTML) 1 Page - T-Global Technology

  TG-AS808 Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
More Innovation, Less Heat.
Version19
20230721
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
T-Global Technology (Europe & North America) Ltd.
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
TG-AS808 / TG-S808
Features
Storage:
Application:
Thermal grease has a shelf-life of 12 months from the date of manufacture,
as indicated by the lot number, when stored in the original, unopened
container at, or below 25°C.
2
Properties
Electronic Components - 5G, Aerospace, AI, AIoT, AR/VR/MR/XR, Automotive,
Consumer Devices, Datacom, Electric Vehicle, Electronic Products, Energy
Storage, Industrial, Lighting Equipment, Medical, Military, Netcom, Panel, Power
Electronics, Robot, Servers, Smart Home, Telecom, etc.
• Highthermalconductivity
• Goodlevelingproperty&nooverflow
• Effectivelyfillssurfaceirregularities
• Lowthermalimpedance
• Siliconebase,environmentalfriendly
Thermal Grease
REACH Compliant
RoHS Compliant
0 0.8 1.2 1.4 1.6 1.7 1.8 2.2 3.2 3.6 4.0 4.5 5.0
15
20
Thermal Conductivity : 8 W/mK
▶Ifanoillayeroccursontopofthethermalgrease,itbelongstoanormalphenomenon.Wesuggesttostiritevenlybeforeusage.
Please avoid any dust or impurity adhering to the thermal grease. This will increase the thermal resistance and reduce the effectiveness of heat
dissipation.
Condition of storage once opened: Constant temperature or cold storage, temperature between +5℃~+15℃. Please consume it within six months.
Properties
Unit
TG-AS808 / TG-S808
Tolerance
Test Method
Thermal Conductivity
W/m•K
8
±10%
ASTM D5470 Modified
Color
-
Gray
-
-
Oil Dispersible
wt%
<0.1
-
24hr @150
°C
Weight Loss
wt%
<0.1
-
ASTM E595 Modified
Viscosity
Pa·s
350
±100
Brookfield
Density
g/cm³
2.9
±5%
ASTM D792
Operating Temperature
°C
-40~+200
-
-
Volume Resistivity
Ohm-m
>10¹³
-
ASTM D257
Standard Package
-
Pot
-
-


Similar Part No. - TG-AS808

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-AS606 TGLOBAL-TG-AS606 Datasheet
330Kb / 1P
Thermal Grease
20230721
More results

Similar Description - TG-AS808

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
Thermal Cutoff (Thermal Fuse)
NTE303 NTE-NTE303 Datasheet
93Kb / 3P
Thermal Grease
logo
List of Unclassifed Man...
CW7270 ETC2-CW7270 Datasheet
57Kb / 2P
CircuitWorks Silicone Free Heat Sink Grease
logo
Panasonic Semiconductor
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
Thermal Cutoffs (TCO)/ Thermal-Links
logo
List of Unclassifed Man...
Q-PAD-II ETC2-Q-PAD-II Datasheet
373Kb / 2P
Designed to replace thermal grease
logo
Laird Tech Smart Techno...
TGREASE2500 LSTD-TGREASE2500 Datasheet
721Kb / 2P
Thermal Grease
logo
T-Global Technology
TG-937 TGLOBAL-TG-937 Datasheet
569Kb / 1P
TG 937 Silicone Thermal Grease
TG-AS606 TGLOBAL-TG-AS606 Datasheet
330Kb / 1P
Thermal Grease
20230721
TG-N909 TGLOBAL-TG-N909 Datasheet
390Kb / 1P
Non-silicone Thermal Grease
20230721
TG-S606A-ULR TGLOBAL-TG-S606A-ULR Datasheet
597Kb / 1P
Non-Silicone Thermal Grease
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com