Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM02SD2303 Datasheet(PDF) 1 Page - Protek Devices

Part # PAM02SD2303
Description  ultra LOW CAPACITANCE TVS ARRAYs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM02SD2303 Datasheet(HTML) 1 Page - Protek Devices

  PAM02SD2303 Datasheet HTML 1Page - Protek Devices PAM02SD2303 Datasheet HTML 2Page - Protek Devices PAM02SD2303 Datasheet HTML 3Page - Protek Devices PAM02SD2303 Datasheet HTML 4Page - Protek Devices PAM02SD2303 Datasheet HTML 5Page - Protek Devices PAM02SD2303 Datasheet HTML 6Page - Protek Devices PAM02SD2303 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
05467.R2 8/22
Page 1
PAM02SD23xx/C Series
ultrA lOW CAPACItANCE tVS ArrAYS
ISO 9001 CERTIFIED COMPANY
DESCRIPTION
The PAM02SD23xx/C Series are ultra low capacitance transient voltage suppressor arrays, designed to protect auto-
motive applications. These devices are available in either a unidirectional or bidirectional configuration and are rated
at 350 Watts for an 8/20µs waveshape.
The PAM02SD23xx/C Series meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operating
frequencies or faster edge rates, insertion loss and signal integrity are a major concern. These devices are ultra low
capacitance and low leakage current in a miniature SOD-323 package.
FEATuRES
• AEC-Q101 Qualified
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
Exceeds Level 4: Handles 10kV Contact & 25kV Air Discharge
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge)
• 350 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0805)
• Unidirectional and Bidirectional Configurations
• Protects One Power or I/O Port
• Available in Multiple Voltages
• ESD Protection > 25kV
• Low Clamping Voltage
• Ultra Low Capacitance: 3pF (Typical)
• RoHS Compliant
• REACH Compliant
MEChANICAl ChARACTERISTICS
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPlICATIONS
• Automotive Applications
SOD-323 package
pIN cONFIgURaTIONS
1
2
1
2
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - PAM02SD2303

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM02SD2303C PROTEC-PAM02SD2303C Datasheet
439Kb / 6P
ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM02SD2303

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0522P SEMTECH-RCLAMP0522P Datasheet
621Kb / 13P
Ultra Low Capacitance TVS Arrays
RCLAMP0522PA SEMTECH-RCLAMP0522PA Datasheet
377Kb / 13P
Ultra Low Capacitance TVS Arrays
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4 Datasheet
375Kb / 4P
Ultra Low Capacitance TVS Arrays
logo
Semtech Corporation
RCLAMP0544T SEMTECH-RCLAMP0544T Datasheet
765Kb / 10P
RailClamp짰 Ultra Low Capacitance TVS Arrays
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4_13 Datasheet
437Kb / 5P
Ultra Low Capacitance TVS Arrays
logo
Bruckewell Technology L...
ESDF5V4 BWTECH-ESDF5V4 Datasheet
1Mb / 4P
Ultra Low Capacitance TVS Arrays
logo
StarHope
TUSD05K7U SPSEMI-TUSD05K7U Datasheet
562Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Shanghai Leiditech Elec...
ULC0568M LEIDITECH-ULC0568M Datasheet
256Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Semtech Corporation
RCLAMP0522T SEMTECH-RCLAMP0522T Datasheet
348Kb / 13P
Ultra Low Capacitance TVS Arrays
logo
Shanghai Leiditech Elec...
ULC0544T LEIDITECH-ULC0544T Datasheet
2Mb / 10P
Ultra Low Capacitance TVS Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com