Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3533 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC3533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3533 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC3533 Datasheet HTML 1Page - Renesas Technology Corp UPC3533 Datasheet HTML 2Page - Renesas Technology Corp UPC3533 Datasheet HTML 3Page - Renesas Technology Corp UPC3533 Datasheet HTML 4Page - Renesas Technology Corp UPC3533 Datasheet HTML 5Page - Renesas Technology Corp UPC3533 Datasheet HTML 6Page - Renesas Technology Corp UPC3533 Datasheet HTML 7Page - Renesas Technology Corp UPC3533 Datasheet HTML 8Page - Renesas Technology Corp UPC3533 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2002
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC3533,3504
THREE-THERMAL POSITIVE OUTPUT VOLTAGE
DATA SHEET
Document No. G15965EJ2V0DS00 (2nd edition)
Date Published July 2002 NS CP(K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µPC3533 and 3504 are three-thermal positive output voltage regulators with an output current of 1 A at respective
output voltages of 3.3 and 4 V. These regulators are guaranteed to operate at as low as
−40°C.
FEATURES
• Output current capacity: 1 A
• On-chip overcurrent limiter
• On-chip output transistor safe operation area protection
• On-chip thermal protection
• Output capacitor capacitance: 0.1
µF or higher
• Wide operating temperature range: TA = −40 to +85°C
PIN CONFIGURATION
(Marking Side)
µPC3533HF, 3504HF: MP-45G
1: INPUT
1
Marking
23
3: OUTPUT
2: GND
BLOCK DIAGRAM
GND
OUTPUT
INPUT
Error Amp.
Safe operation
area protection
Overcurrent
protection
Constant
current source
ORDERING INFORMATION
Part Number
Package
Outputs
Marking
Packing Type
µ PC3533HF
MP-45G (Isolated TO-220)
3.3 V
3533
• Bag stuffing
µ PC3540HF
MP-45G (Isolated TO-220)
4.0 V
3504
• Bag stuffing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com