Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4064C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC4064C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4064C Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC4064C Datasheet HTML 1Page - Renesas Technology Corp UPC4064C Datasheet HTML 2Page - Renesas Technology Corp UPC4064C Datasheet HTML 3Page - Renesas Technology Corp UPC4064C Datasheet HTML 4Page - Renesas Technology Corp UPC4064C Datasheet HTML 5Page - Renesas Technology Corp UPC4064C Datasheet HTML 6Page - Renesas Technology Corp UPC4064C Datasheet HTML 7Page - Renesas Technology Corp UPC4064C Datasheet HTML 8Page - Renesas Technology Corp UPC4064C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
G15166EJ4V0DS
3
µPC4064
ELECTRICAL CHARACTERISTICS (TA = 25°C, V
± = ±15 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 50 Ω
±2
±10
mV
Input Offset Current
Note 7
IIO
±5
±50
pA
Input Bias Current
Note 7
IB
10
100
pA
Large Signal Voltage Gain
AV
RL
≥ 10 kΩ , VO = ±10 V
3000
9000
Supply Current
Note 8
ICC
IO = 0 A
800
1000
µA
Common Mode Rejection Ratio
CMR
70
90
dB
Supply Voltage Rejection Ratio
SVR
70
90
dB
Output Voltage Swing
Vom
RL
≥ 10 kΩ
±12
+14.0
–13.6
V
Common Model Input Voltage Range
VICM
±12
+15
–13
V
Slew Rate
SR
AV = 1
3
V/
µs
Unity Gain Frequency
funity
1
MHz
Input Equivalent Noise Voltage Density
en
RS = 100
Ω, f = 1 kHz
30
nV/
√Hz
Channel Separation
120
dB
Input Offset Voltage
VIO
RS
≤ 50 Ω, TA = –20 to +70°C
±15
mV
Average VIO Temperature Drift
∆VIO/∆T
TA = –20 to +70°C
±10
µV/°C
Input Offset Current
Note 7
IIO
TA = –20 to +70°C
±2
nA
Input Bias Current
Note 7
IB
TA = –20 to +70°C
3.5
nA
Notes 7. Input bias currents flow into IC. Because each currents are gate leak current of P-channel J-FET on input
stage. And that are temperature sensitive. Short time measuring method is recommendable to maintain the
junction temperature close to the operating ambient temperature.
8. This current flows irrespective of the existence of use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com