Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4072 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4072
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4072 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4072 Datasheet HTML 1Page - Renesas Technology Corp UPC4072 Datasheet HTML 2Page - Renesas Technology Corp UPC4072 Datasheet HTML 3Page - Renesas Technology Corp UPC4072 Datasheet HTML 4Page - Renesas Technology Corp UPC4072 Datasheet HTML 5Page - Renesas Technology Corp UPC4072 Datasheet HTML 6Page - Renesas Technology Corp UPC4072 Datasheet HTML 7Page - Renesas Technology Corp UPC4072 Datasheet HTML 8Page - Renesas Technology Corp UPC4072 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
μ PC4072
J-FET INPUT LOW-NOISE DUAL OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G15205EJ6V0DS00 (6th edition)
Date Published December 2007 NS
Printed in Japan
1987
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The
μ PC4072 is a J-FET input operational amplifier. This product is designed as low noise version of the μ PC4082.
The features of the
μ PC4072 are more improved input equivalent noise voltage, input offset voltage and input bias
current than those of
μ PC4082. By these features, the μ PC4072 is excellent choice for wide variety of applications
including audio preamplifier and active filter.
FEATURES
• Low noise: en = 17 nV/ Hz (TYP.)
• Very low input bias and offset currents
• Output short circuit protection
• High input impedance...J-FET Input stage
• Internal frequency compensation
• High slew rate...13 V/
μs (TYP.)
ORDERING INFORMATION
Part Number
Package
μ PC4072C
8-pin plastic DIP (7.62 mm (300))
μ PC4072G2
8-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
μ PC4072C, 4072G2
1
1
2
3
4
8
7
6
5
V
+
OUT2
II2
IN2
+
–
2
OUT1
II1
IN1
V
–
+ –
R1
R8
R9
R6
D1
R7
R10
R11
D2
Q15
R4
R2
R5
R3
II
IN
Q1
Q2
Q8
Q16
Q9
Q10
Q12
Q13
Q5
Q14
Q3
Q4
Q11
Q6
Q7
C1
OUT
V
–
V
+
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com