Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4091 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC4091
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4091 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC4091 Datasheet HTML 6Page - Renesas Technology Corp UPC4091 Datasheet HTML 7Page - Renesas Technology Corp UPC4091 Datasheet HTML 8Page - Renesas Technology Corp UPC4091 Datasheet HTML 9Page - Renesas Technology Corp UPC4091 Datasheet HTML 10Page - Renesas Technology Corp UPC4091 Datasheet HTML 11Page - Renesas Technology Corp UPC4091 Datasheet HTML 12Page - Renesas Technology Corp UPC4091 Datasheet HTML 13Page - Renesas Technology Corp UPC4091 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8
µµµµPC4091
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below.
If other
soldering processes are used, or if the soldering is performed under different conditions, please make sure to consult
with our sales offices.
For
more
details,
refer
to
our
document
"SEMICONDUCTOR
DEVICE
MOUNTING
TECHNOLOGY
MANUAL"(C10535E).
Type of Surface Mount Device
µµµµPC4091G2: 8-pin plastic SOP (225 mil)
Process
Conditions
Symbol
Infrared Ray Reflow
Peak temperature: 230 °C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210 °C or higher),
Maximum number of reflow processes: 1 time.
IR30-00-1
Vapor Phase Soldering
Peak temperature: 215 °C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200 °C or higher),
Maximum number of reflow processes: 1 time.
VP15-00-1
Wave Soldering
Solder temperature: 260 °C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120 °C or below (Package surface temperature).
WS60-00-1
Partial Heating Method
Pin temperature: 300 °C or below,
Heat time: 3 seconds or less (Per each side of the device).
–
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.
Type of Through-hole Device
µµµµPC4091C: 8-pin plastic DIP (300 mil)
Process
Conditions
Wave Soldering
(only to leads)
Solder temperature: 260 °C or below,
Flow time: 10 seconds or less.
Partial Heating Method
Pin temperature: 300 °C or below,
Heat time: 3 seconds or less (per each lead).
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com