Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4092 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC4092
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4092 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC4092 Datasheet HTML 1Page - Renesas Technology Corp UPC4092 Datasheet HTML 2Page - Renesas Technology Corp UPC4092 Datasheet HTML 3Page - Renesas Technology Corp UPC4092 Datasheet HTML 4Page - Renesas Technology Corp UPC4092 Datasheet HTML 5Page - Renesas Technology Corp UPC4092 Datasheet HTML 6Page - Renesas Technology Corp UPC4092 Datasheet HTML 7Page - Renesas Technology Corp UPC4092 Datasheet HTML 8Page - Renesas Technology Corp UPC4092 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet G13905EJ2V0DS
3
µPC4092
ELECTRICAL CHARACTERISTICS (TA = 25 °C, V± =
±15 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 50 Ω
±1
±3
mV
Input Offset Current
Note 7
IIO
±25
±100
pA
Input Bias Current
Note 7
IB
50
200
pA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ , VO = ±10 V
25000
200000
Supply Current
Note 8
ICC
IO = 0 A
5
6.8
mA
Common Mode Rejection Ratio
CMR
70
100
dB
Supply Voltage Rejection Ratio
SVR
70
100
dB
RL
≥ 10 kΩ
±12
+14.0
–13.3
V
Output Voltage Swing
Vom
RL
≥ 2 kΩ
±10
+13.5
–12.8
V
Common Model Input Voltage Range
VICM
±11
+14
–12
V
Slew Rate
SR
AV = 1
15
V/
µs
Unity Gain Frequency
funity
4
MHz
Input Equivalent Noise Voltage Density
en
RS = 100
Ω, f = 1 kHz
19
nV/
√Hz
Channel Separation
120
dB
Input Offset Voltage
VIO
RS
≤ 50 Ω, TA = –20 to +70 °C
±5
mV
Average VIO Temperature Drift
∆VIO/∆T
TA = –20 to +70 °C
±7
µV/°C
Input Offset Current
Note 7
IIO
TA = –20 to +70 °C
±2
nA
Input Bias Current
Note 7
IB
TA = –20 to +70 °C
7
nA
Notes 7. Input bias currents flow into IC. Because each currents are gate leak current of P-channel J-FET on input
stage. And that are temperature sensitive. Short time measuring method is recommendable to maintain
the junction temperature close to the operating ambient temperature.
8. This current flows irrespective of the existence of use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com