Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4092C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4092C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4092C Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4092C Datasheet HTML 1Page - Renesas Technology Corp UPC4092C Datasheet HTML 2Page - Renesas Technology Corp UPC4092C Datasheet HTML 3Page - Renesas Technology Corp UPC4092C Datasheet HTML 4Page - Renesas Technology Corp UPC4092C Datasheet HTML 5Page - Renesas Technology Corp UPC4092C Datasheet HTML 6Page - Renesas Technology Corp UPC4092C Datasheet HTML 7Page - Renesas Technology Corp UPC4092C Datasheet HTML 8Page - Renesas Technology Corp UPC4092C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4092
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
Document No. G13905EJ2V0DS00 (2nd edition)
Date Published March 2004 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
c
The
µPC4092 dual operational amplifier offers high input impedance, low offset voltage, high slew rate, and stable
AC operating characteristics. NEC's unique high-speed PNP transistor (fT = 300 MHz) in the output stage solves the
oscillation problem of current sinking with a large capacitive load. Zener-zap resistor trimming in the input stage
produces excellent offset voltage and temperature drift characteristics.
FEATURES
•
Stable operation with 10000 pF capacitive load
•
Low input offset voltage
±3 mV (MAX.)
±7
µV/°C (TYP.) temperature drift
•
Very low input bias and offset currents
•
Low noise : en = 19 nV/
√Hz (TYP.)
•
Output short circuit protection
•
High input impedance ... J-FET Input Stage
•
Internal frequency compensation
•
High slew rate: 15 V/
µs (TYP.)
ORDERING INFORMATION
Part Number
Package
µPC4092C
8-pin plastic DIP (7.62 mm (300))
µPC4092G2
8-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION
(Top View)
II
IN
Q1
Q2
Q4
Q5
Q8
D1
C1
Q10
V
+
V
−
OUT
Q9
Q7
Q6
Q3
TRIMMED
HIGH SPEED
PNP
PC4092C, 4092G2
1
1
2
3
4
8
7
6
5
V
+
OUT2
II2
IN2
+
−
II1
IN1
OUT1
V
−
2
−
+
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com