Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4094 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4094
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4094 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4094 Datasheet HTML 1Page - Renesas Technology Corp UPC4094 Datasheet HTML 2Page - Renesas Technology Corp UPC4094 Datasheet HTML 3Page - Renesas Technology Corp UPC4094 Datasheet HTML 4Page - Renesas Technology Corp UPC4094 Datasheet HTML 5Page - Renesas Technology Corp UPC4094 Datasheet HTML 6Page - Renesas Technology Corp UPC4094 Datasheet HTML 7Page - Renesas Technology Corp UPC4094 Datasheet HTML 8Page - Renesas Technology Corp UPC4094 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4094
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G13907EJ3V0DS00 (3rd edition)
Date Published March 2004 N CP(K)
Printed in Japan
The mark
shows major revised points.
1998
Dual operational amplifier
µPC4094 is a high-speed version of the µPC4092. NEC's unique high-speed PNP transistor (fT
= 300 MHz) in the output stage realizes a high slew rate of 25 V/
µs under voltage-follower conditions without an oscillation
problem. Zener-zap resistor trimming in the input stage produces excellent offset voltage and temperature drift
characteristics.
With AC performance characteristics that are two times better than conventional bi-FET operation amplifiers, the
µPC4094 is ideal for fast integrators, active filters, and other high-speed circuit applications.
FEATURES
•
Stable operation with 220 pF capacitive load
•
Low noise: en = 19 nV/
√Hz (TYP.)
•
Low input offset voltage and offset voltage
•
Output short circuit protection
±3 mV (MAX.)
•
High input impedance ... J-FET Input Stage
±7
µV/°C (TYP.) temperature drift
•
Internal frequency compensation
•
Very low input bias and offset currents
•
High slew rate: 25 V/
µs (TYP.)
ORDERING INFORMATION
Part Number
Package
µPC4094C
8-pin plastic DIP (7.62 mm (300) )
µPC4094G2
8-pin plastic SOP (5.72 mm (225) )
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION
(Top View)
II
IN
Q1
Q2
Q4
Q5
Q8
D1
C1
Q10
V
+
V
−
OUT
Q9
Q7
Q6
Q3
TRIMMED
HIGH SPEED
PNP
PC4094C, 4094G2
1
1
2
3
4
8
7
6
5
V
+
OUT2
II2
IN2
+
−
II1
IN1
OUT1
V
−
2
−
+
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com