Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4570 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC4570
Description  Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4570 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC4570 Datasheet HTML 1Page - Renesas Technology Corp UPC4570 Datasheet HTML 2Page - Renesas Technology Corp UPC4570 Datasheet HTML 3Page - Renesas Technology Corp UPC4570 Datasheet HTML 4Page - Renesas Technology Corp UPC4570 Datasheet HTML 5Page - Renesas Technology Corp UPC4570 Datasheet HTML 6Page - Renesas Technology Corp UPC4570 Datasheet HTML 7Page - Renesas Technology Corp UPC4570 Datasheet HTML 8Page - Renesas Technology Corp UPC4570 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
μPC4570
R03DS0135EJ0100 Rev.1.00
Page 2 of 9
2019.1.17
EQUIVALENT CIRCUIT (1/2CIRCUIT)
ABSOLUTE MAXIMUM RATINGS
(TA = 25
C)
Parameter
Symbol
Rated Value
Unit
Power Supply Voltage Note 1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note 2
VI
V - -0.3 ~ V + +0.3
V
Output Applied Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note 4
PT
440
mW
Output Short Circuit Duration
Note 5
tS
10
s
Operating Ambient
Temperature
TA
-40 ~ +85
C
Storage Temperature
Tstg
-55 ~ +125
C
【
Note】1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be applied within the input voltage range to avoid deteriorating or damaging the device
characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-Amp
input voltage must operates within the electrical characteristics range of input common-mode voltage.
3. The output terminal must be applied within the output voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp output voltage must operates within the electrical characteristics range of maximum output voltage.
4. This is the value when the glass epoxy substrate (size: 100 mm x 100 mm, thickness: 1 mm, 15% of the
substrate area where only one side is copper foiled is filling wired) is mounted.
Note that restrictions will be made to the following conditions for each product, and the de-rating ratio depending
on the operating ambient temperature.
μPC4570G2 : This is the value at TA
≧ 25 C. De-rate -4.4 mW/C when TA > 25 C
μPC4570GR : This is the value at TA
≧ 44 C. De-rate -5.5 mW/C when TA > 44 C.
5. A short circuit at the V + side may destroy the IC. Please use below the total loss and the de-rating of Note 4.
Q2
IN
Q3
Q4
Q1
II
C1
R3
Q6
R4
Q10
C2
R6
Q9
Q8
Q13
Q7
Q5
R1
Q11
R7
Q12
R8
Q15
Q14
R9
R10
D
OUT
V -
Q16
V +
R5
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com