Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4572G2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC4572G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572G2 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC4572G2 Datasheet HTML 2Page - Renesas Technology Corp UPC4572G2 Datasheet HTML 3Page - Renesas Technology Corp UPC4572G2 Datasheet HTML 4Page - Renesas Technology Corp UPC4572G2 Datasheet HTML 5Page - Renesas Technology Corp UPC4572G2 Datasheet HTML 6Page - Renesas Technology Corp UPC4572G2 Datasheet HTML 7Page - Renesas Technology Corp UPC4572G2 Datasheet HTML 8Page - Renesas Technology Corp UPC4572G2 Datasheet HTML 9Page - Renesas Technology Corp UPC4572G2 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet G15972EJ6V0DS
4
μPC4572
μ PC4572C(5), μ PC4572G2(5)
ELECTRICAL CHARACTERISTICS (TA = 25
°C, V± = ±5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 50 Ω
±0.3
±1.5
mV
Input Offset Current
Note7
IIO
±10
±50
nA
Input Bias Current
Note7
IB
100
200
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ, VO = ±2 V
30000
100000
Supply Current
Note8
ICC
IO = 0 A
4.5
5.5
mA
Common Mode Rejection Ratio
CMR
75
90
dB
Supply Voltage Rejection Ratio
SVR
70
85
dB
RL
≥ 10 kΩ
±3.45
±3.7
Output Voltage Swing
Vom
RL
≥ 2 kΩ
±3.3
±3.5
V
Common Mode Input Voltage Range
VICM
+3.8
−3.7
±4
V
Output Short Circuit Current
IO short
RL = 0
±15
±20
mA
Slew Rate
SR
AV =
+1, RL ≥ 2 kΩ
3.5
6
V/
μs
Gain Band Width Product
GBW
fO = 100 kHz
10
16
MHz
Unity Gain Frequency
funity
open loop
9
MHz
Phase Margin
φunity
open loop
60
degree
Total Harmonic Distortion
THD
VO = 1 Vr.m.s., f = 20 Hz to 20 kHz
(Figure1)
0.002
%
RIAA (Figure2)
0.8
Input Equivalent Noise Voltage
Vn
FLAT+JIS A, RS = 100
Ω (Figure3)
0.5
0.65
μVr.m.s.
fO = 10 Hz
4.5
Input Equivalent Noise Voltage Density
en
fO = 1 kHz
4.0
nV/ Hz
Input Equivalent Noise Current Density
in
fO = 1 kHz
0.7
pA/ Hz
Channel Separation
f = 20 Hz to 20 kHz
120
dB
Average VIO Temperature Drift
ΔVIO/ ΔT
±2
μV/°C
ELECTRICAL CHARACTERISTICS (TA = 25
°C, V+ = +5 V, V− = GND)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 50 Ω
±0.3
±1.5
mV
Input Offset Current
Note7
IIO
±10
±50
nA
Input Bias Current
Note7
IB
100
200
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ ,
40000
80000
Supply Current
Note8
ICC
IO = 0 A
4
5
mA
Common Mode Rejection Ratio
CMR
65
75
dB
Supply Voltage Rejection Ratio
SVR
60
70
dB
Output Voltage (High)
VOH
RL
≥ 2 kΩ (RL to 1/2 V+)
3.4
3.5
V
Output Voltage (Low)
VOL
RL
≥ 2 kΩ (RL to 1/2 V+)
1.3
1.45
V
Common Mode Input Voltage Range
VICM
1.2
3.8
V
Slew Rate
SR
AV =
+1
4
V/
μs
Gain Band Width Product
GBW
12
MHz
Notes 7. Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input stage.
8. This current flows irrespective of the existence of use.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com