Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4741 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4741
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4741 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4741 Datasheet HTML 1Page - Renesas Technology Corp UPC4741 Datasheet HTML 2Page - Renesas Technology Corp UPC4741 Datasheet HTML 3Page - Renesas Technology Corp UPC4741 Datasheet HTML 4Page - Renesas Technology Corp UPC4741 Datasheet HTML 5Page - Renesas Technology Corp UPC4741 Datasheet HTML 6Page - Renesas Technology Corp UPC4741 Datasheet HTML 7Page - Renesas Technology Corp UPC4741 Datasheet HTML 8Page - Renesas Technology Corp UPC4741 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4741
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G16051EJ4V0DS00 (4th edition)
Date Published March 2004 N CP(K)
Printed in Japan
The mark
shows major revised points.
1987
DESCRIPTION
The
µPC4741 consists of four independent frequency compensated operational amplifiers featuring higher speed, broader
band than general purpose type as 741. The
µPC4741 is most appropriate for AC signal amplifier applications such as
active filters or pulse amplifiers.
FEATURES
• Internal frequency compensation
• Low noise
• Output short circuit protection
ORDERING INFORMATION
Part Number
Package
µPC4741C
µPC4741C(5)
14-pin plastic DIP (7.62 mm (300))
14-pin plastic DIP (7.62 mm (300))
µPC4741G2
µPC4741G2(5)
14-pin plastic SOP (5.72 mm (225))
14-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT (1/4 Circuit)
R1
R5
R4
R7
R6
R8
D2
Q15
R3
R2
II
IN
Q1
Q2
Q8
Q16
Q9
Q10
Q12
Q13
Q5
Q14
Q3
Q4
Q6
Q11
Q7
C1
D1
OUT
V
–
V
+
PIN CONFIGURATION (Top View)
1
14
23
2
3
4
5
6
7
OUT4
II4
IN4
V−
IN3
II3
OUT3
OUT1
II1
IN1
V+
IN2
II2
OUT2
14
13
12
11
10
9
8
−+
−+
PC4741C, 4741G2
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com