Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4744C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC4744C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4744C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC4744C Datasheet HTML 3Page - Renesas Technology Corp UPC4744C Datasheet HTML 4Page - Renesas Technology Corp UPC4744C Datasheet HTML 5Page - Renesas Technology Corp UPC4744C Datasheet HTML 6Page - Renesas Technology Corp UPC4744C Datasheet HTML 7Page - Renesas Technology Corp UPC4744C Datasheet HTML 8Page - Renesas Technology Corp UPC4744C Datasheet HTML 9Page - Renesas Technology Corp UPC4744C Datasheet HTML 10Page - Renesas Technology Corp UPC4744C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
µPC4744
5
Data Sheet G13959EJ2V0DS
120
100
80
60
40
20
0
10
100
1 k
10 k 100 k
1 M
10 M
V± = ±15 V
OPEN LOOP FREQUENCY RESPONSE
f - Frequency - Hz
LARGE SIGNAL FREQUENCY RESPONSE
30
20
10
0
100
1 k
10 k
100 k
1 M
10 M
V± = ±15 V
RL = 2 k
Ω
f - Frequency - Hz
10
1
0.1
0.01
0.01
0.1
1.0
10
100
IO SINK
VO
RL
V+
V+/2
The dotted line shows a
characteristic of RL = 1 k
Ω
OUTPUT SINK CURRENT LIMIT
IO SINK - Output Sink Current - mA
V+ = 15 V
V+ = 15 V
V+
V+/2
–
+
+
–
IO SOURCE
∆VO
5
4
3
2
1
0
0.01
0.1
1.0
10
100
OUTPUT SOURCE CURRENT LIMIT
IO SOURCE - Output Source Current - mA
VOLTAGE FOLLOWER PULSE RESPONSE
3
2
1
0
3
2
1
0
0123
t - Time - s
µ
TA - Operating Ambient Temperature - °C
RL = 2 k
Ω
V+ = +5 V
V– = GND
SLEW RATE
12
10
8
6
4
2
0
100
50
0
–50
SR–
SR+
V± = ±15 V
RL = 2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com