Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2453 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2453
Description  High Performance Quad Output Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2453 Datasheet HTML 6Page - Semtech Corporation SC2453 Datasheet HTML 7Page - Semtech Corporation SC2453 Datasheet HTML 8Page - Semtech Corporation SC2453 Datasheet HTML 9Page - Semtech Corporation SC2453 Datasheet HTML 10Page - Semtech Corporation SC2453 Datasheet HTML 11Page - Semtech Corporation SC2453 Datasheet HTML 12Page - Semtech Corporation SC2453 Datasheet HTML 13Page - Semtech Corporation SC2453 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
 2002 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
PRELIMINARY
Applications Information (Cont.)
DUAL LDO CONTROLLERS
The SC2453 provides positive and negative adjustable
linear regulator controllers. The positive linear regulator
uses a PNP transistor to regulate output voltage. This is
set by a voltage divider connected from the output to FB
to AGND. Referring to the front page Application Circuit,
select R8 in the 5K
Ω to 20KΩ range. Calculate R7 with
the following equation:
−
=
1
5
.
0
V
R
R
OUT
8
7
The negative linear regulator uses a NPN transistor to
regulate output voltage. This is set by a voltage divider
connected from the output to FB to a positive reference.
Referring to the front page Application Circuit, select R16
in the 5K
Ω to 20KΩ range. Calculate R12 with the fol-
lowing equation:


=
REF
OUT
16
12
V
V
R
R
where V
REF is the positive voltage reference.
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary
for successful implementation of the SC2453 PWM con-
troller. High switching current is present in the applica-
tion and their effect on ground plane voltage differen-
tials must be understood and minimized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used. The number and
position of ground plane interruptions should be such as
to not unnecessarily compromise ground plane integrity.
Isolated or semi-isolated areas of the ground plane may
be deliberately introduced to constrain ground currents
to particular areas, such as the input capacitor or the
bottom FET ground.
2). The loop formed by the Input Capacitor(s) (Cin), the
Top FET (Q
T) and the Bottom FET (QB) must be kept as
small as possible. This loop contains all the high current,
fast transition switching. Connections should be as wide
and as short as possible to minimize loop inductance.
Minimizing this loop area will a) reduce EMI, b) lower
ground injection currents, resulting in electrically “cleaner”
grounds for the rest of the system and c) minimize source
ringing, resulting in more reliable gate switching signals.
3). The connection between the junction of Q
T, QB and
the output inductor should be a wide trace or copper
region. It should be as short as practical. Since this con-
nection has fast voltage transitions, keeping this con-
nection short will minimize EMI. Also keep the Phase con-
nection to the IC short. The top FET gate charge currents
flow in this trace.
4) The Output Capacitor(s) (Cout) should be located as
close to the load as possible. Fast transient load cur-
rents are supplied by Cout only and connections between
Cout and the load must be short, wide copper areas to
minimize inductance and resistance.
5) The SC2453 is best placed over a quiet ground plane
area. Avoid pulse currents in the Cin, Q
T, QB loop flowing
in this area. GND should be returned to the ground plane
close to the package and close to the ground side of
(one of) the output capacitor(s). If this is not possible,
the GND pin may be connected to the ground path be-
tween the Output Capacitor(s) and the Cin, Q1, Q2 loop.
Under no circumstances should GND be returned to a
ground inside the Cin, Q1, Q2 loop.
6) A separate analog ground plane connects to the
SC2453 AGND pin. All analog grounding paths including
decoupling capacitors, feedback resistors, compensation
components, and current-limit setting resistors should
be connected to this plane.
7) Ideally, the grounds for the two LDO sections should
be returned to the ground side of (one of) the output
capacitor(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com