Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG201HSAZ/883 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG201HSAZ/883
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HSAZ/883 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG201HSAZ/883 Datasheet HTML 1Page - Vishay Siliconix DG201HSAZ/883 Datasheet HTML 2Page - Vishay Siliconix DG201HSAZ/883 Datasheet HTML 3Page - Vishay Siliconix DG201HSAZ/883 Datasheet HTML 4Page - Vishay Siliconix DG201HSAZ/883 Datasheet HTML 5Page - Vishay Siliconix DG201HSAZ/883 Datasheet HTML 6Page - Vishay Siliconix DG201HSAZ/883 Datasheet HTML 7Page - Vishay Siliconix DG201HSAZ/883 Datasheet HTML 8Page - Vishay Siliconix DG201HSAZ/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DG201HS
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-6
Document Number: 70038
S-52433—Rev. F, 06-Sep-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–55
–25
0
25
50
75
100
125
20
25
30
35
40
45
Temperature (
_C)
Switching Times vs. Temperature
tON
tOFF
V+ = 15 V
V– = –15 V
4
6
8
1012
141618
20
30
35
40
45
50
55
60
65
V+ – Positive Supply (V)
Switching Times vs. Single Supply Voltage
tON
tOFF
–55
–25
0
25
50
75
100
125
20
25
30
35
40
45
50
Temperature (
_C)
Switching Times vs. Temperature
V+ = 10.8 V
V– = 0 V
–15
–10
–5
0
5
10
15
–40
–30
–20
–10
0
10
20
VS – Source Voltage (V)
V+ = 15 V, V– = 0 V
V+ = 15 V
V– = –15 V
Charge Injection vs. Source Voltage
10 k
100 k
1 M
10 M
40
50
60
70
80
90
100
110
120
f – Frequency (Hz)
Off Isolation vs. Frequency
RL = 100 W
V+ = 15 V
V– = –15 V
RL = 1 kW
tON
tOFF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com