Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH512
Description  Ultrafast recovery - 1200 V diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH512 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH512 Datasheet HTML 1Page - STMicroelectronics STTH512 Datasheet HTML 2Page - STMicroelectronics STTH512 Datasheet HTML 3Page - STMicroelectronics STTH512 Datasheet HTML 4Page - STMicroelectronics STTH512 Datasheet HTML 5Page - STMicroelectronics STTH512 Datasheet HTML 6Page - STMicroelectronics STTH512 Datasheet HTML 7Page - STMicroelectronics STTH512 Datasheet HTML 8Page - STMicroelectronics STTH512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2006
Rev 1
1/10
10
STTH512
Ultrafast recovery - 1200 V diode
Main product characteristics
Features and benefits
Ultrafast, soft recovery
Very low conduction and switching losses
High frequency and/or high pulsed current
operation
High reverse voltage capability
High junction temperature
Insulated package: TO-220FPAC
Electrical insulation = 2000 VRMS
Capacitance = 12 pF
Description
The high quality design of this diode has
produced a device with low leakage current,
regularly reproducible characteristics and intrinsic
ruggedness. These characteristics make it ideal
for heavy duty applications that demand long term
reliability.
Such demanding applications include industrial
power supplies, motor control, and similar
mission-critical systems that require rectification
and freewheeling. These diodes also fit into
auxiliary functions such as snubber, bootstrap,
and demagnetization applications.
The improved performance in low leakage
current, and therefore thermal runaway guard
band, is an immediate competitive advantage for
this device.
Order codes
IF(AV)
5 A
VRRM
1200 V
Tj
175° C
VF (typ)
1.25 V
trr (typ)
48 ns
Part Number
Marking
STTH512D
STTH512D
STTH512B
STTH512B
STTH512B-TR
STTH512B
STTH512FP
STTH512FP
K
A
TO-220FPAC
STTH512FP
DPAK
STTH512B
TO-220AC
STTH512D
K
K
A
A
K
A
NC
www.st.com


Similar Part No. - STTH512

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH512B ISC-STTH512B Datasheet
354Kb / 2P
Ultrafast Rectifier
logo
Thinki Semiconductor Co...
STTH512B THINKISEMI-STTH512B Datasheet
401Kb / 2P
5.0 Ampere Surface Mount Single Positive Type Ultra Fast Recovery Rectifier Diode
Rev.12T
logo
Inchange Semiconductor ...
STTH512D ISC-STTH512D Datasheet
298Kb / 2P
Fast Recovery Diode
STTH512P ISC-STTH512P Datasheet
343Kb / 2P
Ultrafast Rectifier
More results

Similar Description - STTH512

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML50EUZ12B SEME-LAB-SML50EUZ12B Datasheet
47Kb / 2P
Enhanced Ultrafast Recovery Diode 1200 Volt, 50 Amp
logo
STMicroelectronics
STTH812 STMICROELECTRONICS-STTH812 Datasheet
192Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH312 STMICROELECTRONICS-STTH312 Datasheet
148Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH3012 STMICROELECTRONICS-STTH3012 Datasheet
121Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6012 STMICROELECTRONICS-STTH6012 Datasheet
111Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH9012TV STMICROELECTRONICS-STTH9012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH12012TV STMICROELECTRONICS-STTH12012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1212 STMICROELECTRONICS-STTH1212 Datasheet
129Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1512 STMICROELECTRONICS-STTH1512 Datasheet
148Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6112TV STMICROELECTRONICS-STTH6112TV Datasheet
151Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com