Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2694 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2694
Description  30V, 600 mA Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2694 Datasheet HTML 1Page - National Semiconductor (TI) LM2694 Datasheet HTML 2Page - National Semiconductor (TI) LM2694 Datasheet HTML 3Page - National Semiconductor (TI) LM2694 Datasheet HTML 4Page - National Semiconductor (TI) LM2694 Datasheet HTML 5Page - National Semiconductor (TI) LM2694 Datasheet HTML 6Page - National Semiconductor (TI) LM2694 Datasheet HTML 7Page - National Semiconductor (TI) LM2694 Datasheet HTML 8Page - National Semiconductor (TI) LM2694 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to RTN
33V
BST to RTN
47V
SW to RTN (Steady State)
-1.5V
ESD Rating (Note 2)
Human Body Model
2kV
BST to VCC
33V
VIN to SW
33V
BST to SW
14V
VCC to RTN
14V
SGND to RTN
-0.3V to +0.3V
SS to RTN
-0.3V to 4V
All Other Inputs to RTN
-0.3 to 7V
Storage Temperature Range
-65˚C to +150˚C
JunctionTemperature
150˚C
Operating Ratings (Note 1)
VIN
8.0V to 30V
Junction Temperature
−40˚C to + 125˚C
Electrical Characteristics Specifications with standard type are for T
J = 25˚C only; limits in boldface type
apply over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: V
IN = 24V, RON = 200k
Ω. See (Note 5).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, V
CC
V
CCReg
V
CC regulated output
6.6
7
7.4
V
V
IN-VCC dropout voltage
I
CC = 0 mA,
V
CC = UVLOVCC + 250 mV
1.3
V
V
CC output impedance
0 mA
≤ I
CC
≤ 5 mA, V
IN = 8V
175
Ω
V
CC current limit (Note 3)
V
CC =0V
9
mA
UVLO
VCC
V
CC under-voltage lockout
threshold
V
CC increasing
5.7
V
UVLO
VCC hysteresis
V
CC decreasing
150
mV
UVLO
VCC filter delay
100 mV overdrive
3
µs
I
IN operating current
Non-switching, FB = 3V
0.5
0.8
mA
I
IN shutdown current
RON/SD = 0V
90
180
µA
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
I
TEST = 200 mA
0.5
1.0
Ω
UVLO
GD
Gate Drive UVLO
V
BST -VSW Increasing
3.0
4.4
5.5
V
UVLO
GD hysteresis
490
mV
Softstart Pin
Pull-up voltage
2.5
V
Internal current source
12
µA
Current Limit
I
LIM
Threshold
Current out of ISEN
0.5
0.62
0.74
A
Resistance from ISEN to
SGND
180
m
Ω
Response time
150
ns
On Timer
t
ON - 1
On-time
V
IN = 10V, RON = 200 k
Ω
2.1
2.8
3.6
µs
t
ON - 2
On-time
V
IN = 30V, RON = 200 k
Ω
900
ns
Shutdown threshold
Voltage at RON/SD rising
0.45
0.8
1.2
V
Threshold hysteresis
Voltage at RON/SD falling
35
mV
Off Timer
t
OFF
Minimum Off-time
265
ns
Regulation and Over-Voltage Comparators (FB Pin)
V
REF
FB regulation threshold
SS pin = steady state
2.440
2.5
2.550
V
FB over-voltage threshold
2.9
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com