Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6726ATR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6726ATR
Description  Single phase PWM controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726ATR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6726ATR Datasheet HTML 16Page - STMicroelectronics L6726ATR Datasheet HTML 17Page - STMicroelectronics L6726ATR Datasheet HTML 18Page - STMicroelectronics L6726ATR Datasheet HTML 19Page - STMicroelectronics L6726ATR Datasheet HTML 20Page - STMicroelectronics L6726ATR Datasheet HTML 21Page - STMicroelectronics L6726ATR Datasheet HTML 22Page - STMicroelectronics L6726ATR Datasheet HTML 23Page - STMicroelectronics L6726ATR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Application details
L6726A
20/24
8.5
Embedding L6726A-based VRs…
When embedding the VR into the application, additional care must be taken since the whole
VR is a switching DC/DC regulator and the most common system in which it has to work is a
digital system such as MB or similar. In fact, latest MBs have become faster and more
powerful: high speed data busses are more and more common and switching-induced noise
produced by the VR can affect data integrity if additional layout guidelines are not followed.
Few easy points must be considered mainly when routing traces in which switching high
currents flow (switching high currents cause voltage spikes across the stray inductance of
the traces causing noise that can affect the near traces):
When reproducing high current path on internal layers, keep all layers the same size in order
to avoid "surrounding" effects that increase noise coupling.
Keep safe guard distance between high current switching VR traces and data busses,
especially if high-speed data busses, to minimize noise coupling.
Keep safe guard distance or filter properly when routing bias traces for I/O sub-systems that
must walk near the VR.
Possible causes of noise can be located in the PHASE connections, MOSFETs gate drive
and Input voltage path (from input bulk capacitors and HS drain). Also GND connection
must be considered if not insisting on a power ground plane. These connections must be
carefully kept far away from noise-sensitive data busses.
Since the generated noise is mainly due to the switching activity of the VR, noise emissions
depend on how fast the current switches. To reduce noise emission levels, it is also possible,
in addition to the previous guidelines, to reduce the current slope and thus to increase the
switching times: this will cause, as a consequence of the higher switching time, an increase
in switching losses that must be considered in the thermal design of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com