Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX431C Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX431C
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431C Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX431C Datasheet HTML 2Page - Sipex Corporation SPX431C Datasheet HTML 3Page - Sipex Corporation SPX431C Datasheet HTML 4Page - Sipex Corporation SPX431C Datasheet HTML 5Page - Sipex Corporation SPX431C Datasheet HTML 6Page - Sipex Corporation SPX431C Datasheet HTML 7Page - Sipex Corporation SPX431C Datasheet HTML 8Page - Sipex Corporation SPX431C Datasheet HTML 9Page - Sipex Corporation SPX431C Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 1/19/05
SPX431A,B,C Precision Adjustable Shunt Regulator
© Copyright 2005 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 15. Test Circuit for Pulse Response
Figure 16. Stability Boundry Conditions
Figure 17. Test Circuit for Stability
Figure 18. Dynamic Output Impedance T
A = 25°C,
I
K = 1 to 100mA
Figure 19. Off State Leakage
Figure 20. Shunt Regulator V
OUT = (1+R1/R2)VREF
IK
VOUT
GND
250Ω
50Ω
VIN
fp = 100kHz
100
101
102
103
104
105
106
107
100
90
80
70
60
50
40
30
20
10
0
CL Load Capacitance (pF)
A: VKA = VREF
B: VKA= 5V at IK=10mA
C: VKA=10V at IK=10mA
D: VKA=15V at IK=10mA
C
D
B
A
STABLE
STABLE
TA = 25°C
150
Ω
10k
Ω
I
K
C
L
R
0.01
0.1
1
10
100
-50
0
50
100
150
TA Ambient Temperature (°C)
VKA = 36V
VREF = 0V
T
A =25 °C
I
K =1 to 100mA
f Frequency (Hz)
100
10
1.0
0.1
0.01
1K
10K
100K
1M
10M
R2
0.1%
VIN
R3
R1
0.1%
VOUT
VREF
SPX431A,B,C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com