Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 177 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 177 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 173Page - National Semiconductor (TI) CS5535 Datasheet HTML 174Page - National Semiconductor (TI) CS5535 Datasheet HTML 175Page - National Semiconductor (TI) CS5535 Datasheet HTML 176Page - National Semiconductor (TI) CS5535 Datasheet HTML 177Page - National Semiconductor (TI) CS5535 Datasheet HTML 178Page - National Semiconductor (TI) CS5535 Datasheet HTML 179Page - National Semiconductor (TI) CS5535 Datasheet HTML 180Page - National Semiconductor (TI) CS5535 Datasheet HTML 181Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 555 page
background image
Revision 0.8
177
www.national.com
GLCP Functional Description (Continued)
– If Sleep Acknowledge is asserted and the clock
disable delay period is not enabled, check to see if
all clocks specified by GLCP_CLK4ACK (MSR
51700013h) have become inactive. If
GLCP_CLKACTIVE (MSR 51700011h) shows that
those clocks are indeed inactive, disable the
clocks specified in GLCP_PMCLKDISABLE (MSR
51700009h).
Sleep Acknowledge is asserted after the clocks
have been disabled. The wakeup sequence is trig-
gered by the de-assertion of the Sleep Request,
which turns on all the clocks.
2)
If a debug event in the debug circuitry triggers a clock
disable,
disable
all
the
clocks
specified
in
GLCP_CLKDISABLE. Each GLCP_CLKDISABLE bit
corresponds to a CCU, and when set, indicates that
the clock going to that CCU should be disabled.
3)
Each bit in GLCP_CLKOFF (MSR 51700010h) corre-
sponds to a CCU. When set, the bit indicates that the
clock going to that CCU should be disabled. This is the
simplest case.
4.19.2 GLCP Clocks
The GLCP has multiple clock domains, namely the
GeodeLink clock and PCI clock. The GeodeLink clock is
the clock source for the MSRs, the serial interface, and the
GeodeLink interface. The PCI clock is used in the power
management support for the clock disable delay timer. Both
the GeodeLink and PCI functional clocks come from pri-
mary inputs. All these clocks are handled by a CCU. Even
though the PCI clock is always running in functional mode,
a CCU is needed to be able to perform reset synchroniza-
tion and to turn off the internal clock to support TAPSCAN.
The CCUs used by the GLCP are the asynchronous ver-
sions, since the GLCP outputs asynchronous busy signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com