Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535 Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 177Page - National Semiconductor (TI) CS5535 Datasheet HTML 178Page - National Semiconductor (TI) CS5535 Datasheet HTML 179Page - National Semiconductor (TI) CS5535 Datasheet HTML 180Page - National Semiconductor (TI) CS5535 Datasheet HTML 181Page - National Semiconductor (TI) CS5535 Datasheet HTML 182Page - National Semiconductor (TI) CS5535 Datasheet HTML 183Page - National Semiconductor (TI) CS5535 Datasheet HTML 184Page - National Semiconductor (TI) CS5535 Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 555 page
background image
Revision 0.8
181
www.national.com
TAP Controller Functional Description (Continued)
4.20.1 EXTEST
The EXTEST instruction accesses the boundary scan
chain around the chip and controls the pad logic such that
the boundary scan data will control the data and enable
signals for the pads. IEEE 1149.1 requires that an all-zero
instruction access the boundary scan chain.
4.20.2 TAPSCAN
These instructions enable JTAG access to the internal scan
associated with a particular CCU clock. TCK will then pro-
vide the Scan clock to the CCU so that shifting occurs cor-
rectly during the Shift-DR state of the TAP. (See Figure 4-
64 and Figure 4-65.)
4.20.3 TAPFUNC
These instructions connect TDI and TDO to the 1-bit
bypass register during DR access. They are useful in that
during the Capture-DR state, one functional clock can be
applied to the specific CCU clock indicated by the instruc-
tion. This mode works well with the FS2 JTAG control soft-
ware available with CS5535. The Scan Enable signal to the
block will be inactive during this clock.
Figure 4-64. TAP Controller and Parallel Scan Mode
Test Mode = 1
Scan In
Scan Out
Pad
Pad
GeodeLink™ Device
TAP
Scan In
Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com