Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6284 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS6284
Description  Dual PLL Clock Generator IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS6284 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS6284 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6284 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6284 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6284 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XT
March 2000
This document contains information on a preproduction product. Specifications and information herein are subject to change without notice.
3.28.00
)6
'XDO3//&ORFN*HQHUDWRU,&
$GYDQFH ,QIRUPDWLRQ
,62
1.0
Features
Dual phase-locked loop (PLL) device with three out-
put clock frequencies
3.3V supply voltage
Small circuit board footprint (8-pin 0.150
″ SOIC)
Custom frequency selections available - contact your
local AMI Sales Representative for more information
Figure 1: Pin Configuration
1
8
2
3
4
7
6
5
SEL
XIN
XOUT
VDD
CLKB
VSS
CLKC
CLKA
8-pin (0.150
″) SOIC
2.0
Description
The FS6284 is a monolithic CMOS clock generator IC
designed to minimize cost and component count in digital
video/audio systems.
All frequencies are ratiometrically derived from the crystal
oscillator frequency. The locking of all the output fre-
quencies together can eliminate unpredictable artifacts in
video systems and reduce electromagnetic interference
(EMI) due to frequency harmonic stacking.
Table 1: Crystal / Output Frequencies
DEVICE
SEL
fXIN
(MHz)
CLKA
(MHz)
CLKB
(MHz)
CLKC
(MHz)
0
81.000
(fXIN* 198 / 35)
FS6284-01
1
14.31818
14.31818
(fXIN)
48.000
(fXIN* 352 / 105)
70.000
(fXIN* 44 / 9)
NOTE: Contact AMI for custom PLL frequencies
Figure 2: Block Diagram
CRYSTAL
OSC.
FS6284
XOUT
XIN
CLKC
CLKA
DIVIDER
ARRAY
PLL
PLL
CLKB
SEL


Similar Part No. - FS6284

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
FS6282-03 ETC1-FS6282-03 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
More results

Similar Description - FS6284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
logo
List of Unclassifed Man...
FS6322-08 ETC-FS6322-08 Datasheet
62Kb / 7P
THREE PLL CLOCK GENERATOR IC
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
DUAL PLL CLOCK GENERATOR IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
Three-PLL Clock Generator IC
FS6282 ETC1-FS6282 Datasheet
51Kb / 5P
DUAL PLL CLOCK GENERATOR IC
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
Three-PLL Clock Generator IC
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
logo
ON Semiconductor
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com