Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9020B Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9020B
Description  Call Progress Tone Decoder & ABR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9020B Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9020B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 7Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 8Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 9Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 10Page - Holtek Semiconductor Inc HT9020B Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Functional Description
Decoder
The HT9020 call progress tone decoder (DEC/ABRC=VDD) can be used in the U.S.A. and many other
countries in the world. The signal format, truth table and timing of the decoder are shown below.
The signal format of the call progress tone
Tone
Frequency
Condition
Precision Dial Tone
350Hz + 440Hz
Continuous
Old Dial Tone
120Hz(or 133Hz, ..) + 600Hz
Continuous
Precision Busy Tone
480Hz + 620Hz
0.5sec On and 0.5sec Off
Old Busy Tone
120Hz + 600Hz
0.5sec On and 0.5sec Off
Precision Reorder Tone
480Hz + 620Hz
0.3sec On and 0.2sec Off
Old Reorder Tone
120Hz + 600Hz
0.2sec On and 0.3sec Off or 0.25sec
On and 0.25sec Off
Precision Ring-back Tone
440Hz + 480Hz
2sec On and 4sec Off
Old Ring-back Tone
40Hz (or the others) + 420Hz
2sec On and 4sec Off
The truth table of the decoder
Tone
Transition No.
DIAL
RBK
BUSY
DV
OE/HKOFF
Initial
—
0
0
0
0
0
Dial
1
1
0
0
1
0
Ringback
2~4
0
1
0
1
0
Busy/Reorder
5~16
0
0
1
1
0
Overflow
over 16
0
0
0
1
0
Output Disable
—
Hi-Z
Hi-Z
Hi-Z
*
1
Notes: Hi-Z: Hi impedance
*: previous state
HT9020
7
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com