Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2525AW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU2525AW
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2525AW Datasheet(HTML) 3 Page - NXP Semiconductors

  BU2525AW Datasheet HTML 1Page - NXP Semiconductors BU2525AW Datasheet HTML 2Page - NXP Semiconductors BU2525AW Datasheet HTML 3Page - NXP Semiconductors BU2525AW Datasheet HTML 4Page - NXP Semiconductors BU2525AW Datasheet HTML 5Page - NXP Semiconductors BU2525AW Datasheet HTML 6Page - NXP Semiconductors BU2525AW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2525AW
Fig.3. Switching times waveforms.
Fig.4. Switching times definitions.
Fig.5. Switching times test circuit (BU2525A).
Fig.6. Typical DC current gain. h
FE = f (IC)
parameter V
CE
Fig.7. Typical base-emitter saturation voltage.
V
BEsat = f (IC); parameter IC/IB
Fig.8. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
IC
IB
VCE
ICsat
IBend
32us
13us
10us
t
t
t
TRANSISTOR
DIODE
0.1
10
IC / A
hFE
BU2525A
100
10
1
100
1
Tj = 25 C
Tj = 125 C
5 V
1 V
ICsat
90 %
10 %
tf
ts
IBend
IC
IB
t
t
- IBM
0.1
1
10
IC / A
VBESAT / V
BU2525A
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
Tj = 25 C
Tj = 125 C
IC/IB=
3
4
5
+ 150 v nominal
adjust for ICsat
Lc
Cfb
T.U.T.
LB
IBend
-VBB
0.1
10
IC / A
VCESAT / V
BU2525A
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
1
Tj = 25 C
Tj = 125 C
IC/IB =
4
5
3
September 1997
3
Rev 1.100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com