Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXP730 Datasheet(PDF) 21 Page - Intel Corporation

Part # LXP730
Description  Multi-Rate DSL Framer
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXP730 Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXP730 Datasheet HTML 17Page - Intel Corporation LXP730 Datasheet HTML 18Page - Intel Corporation LXP730 Datasheet HTML 19Page - Intel Corporation LXP730 Datasheet HTML 20Page - Intel Corporation LXP730 Datasheet HTML 21Page - Intel Corporation LXP730 Datasheet HTML 22Page - Intel Corporation LXP730 Datasheet HTML 23Page - Intel Corporation LXP730 Datasheet HTML 24Page - Intel Corporation LXP730 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Multi-Rate DSL Framer — LXP730
Datasheet
21
2.9.2
ADPLL Center Frequency: The computation of CFREQ
The center frequency of the ADPLL is set by an 18-bit unsigned fractional number, CFREQ(17:0).
This value is programmed in PLLCTL1, PLLCTL2, and PLLCTL3. CFREQ(17:0) is the ratio of
the Numerically Controlled Oscillator (NCO) and MCLK, and is shown below. The 218 is the
normalizing factor to express it in integer notation. It must then be converted to hexadecimal to
load into the CFREQ register.
The output of the NCO is divided by 2 before being provided to the clock multiplex circuitry and
the optional PROG_DIV block. This must be taken into account when deciding upon the frequency
for the NCO.
The NCO/MCLK ratio should be set to a value greater than or equal to 0.5 but less than 0.98. This
ensures that there will be the maximum number of bits of accuracy for the NCO to generate the
frequency. The ratio of 0.5 normalized with 2
18 is 131072 or in hexadecimal, 20000h. This is the
smallest recommended value.
Equation 1. Calculation of CFREQ
Table 4 list values for: CFREQ(17:0), Programmable Divider, and NCO frequency for a MCLK of
16.384MHz in several configurations.
2.10
Clock Generation and Distribution
The LXP730 has a flexible clock generation circuit as shown in Figure 3. The clocks for the PCM
and codec interfaces can be an independent external input, a division of MCLK, a division of the
ADPLL output, or the ADPLL output as selected by the PCM Configuration 1 register
(PCM_CFG1) and the Codec Configuration register (COD_CFG).
The PCM port is considered to be in slave mode when its clock source is the external pin. The PCM
frame pulse is also sourced from its external PFRM pin when the clock is configured as such. The
PCM port is in master mode for the other three settings. The PCM frame pulse is derived from the
internal PCLK and driven out on the PFRM pin.
The codec port initially has the CCLK pin tristated until it is configured as an output by setting the
CCLK_OE bit in the MISC_CTL register. It is never an input. The external source for the codec
clock is the PCLK pin. This allows simultaneous use of the PCM and codec interfaces with the
PCM bus providing the clock and allowing MCLK to be some other frequency that may not be
suitable to divide down for the codecs.
The ADPI clock is not derived from the circuit shown in Figure 3, but rather comes from the TSI
module. The TSI keeps track of opportunities to transmit bytes into the DSL frame and creates a
burst of eight pulses to clock a byte of data to insert in the MX direction. The TSI unloads data
from the DX DSL direction and also creates a burst of eight pulses to clock a byte of data to the
external device connected to the ADPI interface.
CFREQ
ROUND
NCOFREQ
2
18
×
()
MCLK
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com