Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2771T Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC2771T
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2771T Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC2771T Datasheet HTML 9Page - Renesas Technology Corp UPC2771T Datasheet HTML 10Page - Renesas Technology Corp UPC2771T Datasheet HTML 11Page - Renesas Technology Corp UPC2771T Datasheet HTML 12Page - Renesas Technology Corp UPC2771T Datasheet HTML 13Page - Renesas Technology Corp UPC2771T Datasheet HTML 14Page - Renesas Technology Corp UPC2771T Datasheet HTML 15Page - Renesas Technology Corp UPC2771T Datasheet HTML 16Page - Renesas Technology Corp UPC2771T Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet PU10206EJ01V0DS
11
µµµµPC8182TB
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
+15
+10
+5
0
−5
−10
−15
−20
−25
−50
−40
−30
−20
−10
0
+10
VCC = 3.0 V
f = 2.4 GHz
f = 0.9 GHz
f = 1.9 GHz
Output Power of Each Tone PO(each) (dBm)
−60
−50
−40
−30
−20
−10
0
−15
−10
−50
+5
+10
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
f1 = 900 MHz
f2 = 902 MHz
−15
−10
−50
+5
+10
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
Output Power of Each Tone PO(each) (dBm)
−60
−50
−40
−30
−20
−10
0
f1 = 1 900 MHz
f2 = 1 902 MHz
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
−15
−10
−50
+5
+10
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
Output Power of Each Tone PO(each) (dBm)
−60
−50
−40
−30
−20
−10
0
f1 = 2 400 MHz
f2 = 2 402 MHz
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com