Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P4BGS Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPD6P4BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P4BGS Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPD6P4BGS Datasheet HTML 15Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 16Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 17Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 18Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 19Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 20Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 21Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 22Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet U13594EJ2V1DS00
17
µPD6P4B
AC Characteristics (TA = –40 to +85
°C, VDD = 2.2 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Instruction execution time tCY
15.9
27
µs
VDD = 2.7 to 3.6 VNote 1
7.9
27
µs
KI, S0, S1 high-level width
tH
10
µs
When canceling Standby mode
HALT mode
10
µs
STOP mode
Note 2
µs
RESET low-level width
tRSL
10
µs
Notes 1. When using at fX = 4 MHz or higher, it is necessary to design the application circuit so that the RESET
pin goes low when the supply voltage is less than 2.7 V.
2. 10 + 286/fX + oscillation growth time
Remark tCY = 64/fX (fX: System clock oscillator frequency)
POC CircuitNote 1 (TA = –20 to +70
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
POC-detected voltageNote 2
VPOC
1.8
2.0
2.2
V
POC circuit current
IPOC
1.2
1.5
µA
Notes 1. Operates effectively under the conditions of fX = 2.4 to 4 MHz.
2. Refers to the voltage with which the POC circuit cancels an internal reset. If VPOC < VDD, the internal
reset is canceled.
From the time of VPOC
≥ VDD until the internal reset takes effect, lag of up to 1 ms occurs. When the
period of VPOC
≥ VDD lasts less than 1 ms, the internal reset may not take effect.
System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 2.2 to 3.6 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Oscillator frequency
fX
2.4
3.64
4.0
MHz
(ceramic resonator)
Note
2.4
3.64
8.0
MHz
Note When using at fX = 4 MHz or higher, it is necessary to design the application circuit so that the RESET
pin goes low when the supply voltage is less than 2.7 V.
An external circuit example
XIN
XOUT
C1
C2
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com