Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC14 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ALVC14
Description  Hex inverting Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC14 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ALVC14 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC14 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Nexperia
74ALVC14
Hex inverting Schmitt trigger
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level;
Input nA
Output nY
L
H
H
L
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+4.6
V
VI
input voltage
[1]
-0.5
+4.6
V
active mode
[1]
-0.5
VCC + 0.5 V
VO
output voltage
power-down mode; VCC = 0 V
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-
-50
mA
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
IO(sink/source) output sink or source current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +85 °C
[2]
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] For SOT402-1 (TSSOP14) package: Ptot derates linearly with 7.3 mW/K above 81 °C.
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
3.6
V
VI
input voltage
0
3.6
V
VCC = 1.65 to 3.6 V
0
VCC
V
VO
output voltage
power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
in free air
-40
+85
°C
74ALVC14
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 30 April 2021
4 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com