Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC574D Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ALVC574D
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC574D Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ALVC574D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC574D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC574D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC574D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC574D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC574D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC574D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC574D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC574D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Nexperia
74ALVC574
Octal D-type flip-flop; positive edge-trigger; 3-state
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
D0, D1, D2, D3, D4, D5, D6, D7
2, 3, 4, 5, 6, 7, 8, 9
data input
CP
11
clock input (LOW to HIGH, edge-triggered)
OE
1
output enable input (active LOW)
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
19, 18, 17, 16, 15, 14, 13, 12
3-state flip-flop output
VCC
20
supply voltage
GND
10
ground (0 V)
6. Functional description
Table 3. Function table
H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the LOW to HIGH CP transition;
L = LOW voltage level; l = LOW voltage level one set-up time prior to the LOW to HIGH CP transition;
Z = high-impedance OFF-state; ↑ = LOW to HIGH clock transition.
Input
Output
Operating mode
OE
CP
Dn
Internal flip-flop
Qn
L
l
L
L
Load and read register
L
h
H
H
H
l
L
Z
Load register and disable
outputs
H
h
H
Z
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+4.6
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
output HIGH or LOW state
[1]
-0.5
VCC + 0.5 V
output 3-state
-0.5
+4.6
V
VO
output voltage
power-down mode; VCC = 0 V
-0.5
+4.6
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +85 °C
-
500
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
74ALVC574
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 30 April 2021
4 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com