Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16244 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16244
Description  16-bit buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16244 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16244 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16244 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Nexperia
74ALVT16244
16-bit buffer/line driver; 3-state
74ALVT16244
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2018
9 / 15
aaa-028124
outputs
disabled
outputs
enabled
outputs
enabled
VY
VM
VM
VM
VM
VX
VI
GND
3.0 V or VCC
VOL
VOH
nOE input
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
GND
tPZL
tPLZ
tPHZ
tPZH
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Figure 5. OFF-state to HIGH or LOW and HIGH or LOW to OFF-state propagation delays
Table 8. Measurement points
Input
Output
VCC
VI
VM
VM
VX
VY
VCC ≤ 2.7 V
VCC
0.5 x VCC
0.5 x VCC
VOL + 0.15 V
VOH - 0.15 V
VCC ≥ 3.0 V
3.0 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com