Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2040CT Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MBRB2040CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MBRB2040CT Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MBRB2040CT Datasheet HTML 1Page - SUNMATE electronic Co., LTD MBRB2040CT Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RATINGS
SYMBOL
UNIT
Maximum repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average
forward current
per device
IAV
A
per diode
Peak forward surge current,
8.3ms single half sine-wave
IFSM
A
Typical thermal resistance
(Note 1)
Rθ-JC
°C/W
Operating junction temperature range
TJ
-55 to +175
°C
Storage temperature range
TSTG
-55 to +175
°C
Maximum forward voltage
at IF=10A
VF
V
Maximum average reverse
IR
0.01
mA
5
TJ=25°C
TJ=125°C
-55 to +150
0.10
15
20
10
40
28
40
45
32
45
60
42
60
100
70
100
150
105
150
200
140
200
220
per leg
0.65
0.75
0.85
0.92
MBRB
2040CT
2.5
superimposed on rated load
current at rated DC blocking
voltage
MBRB
2045CT
MBRB
2060CT
MBRB
20100CT
MBRB
20150CT
MBRB
20200CT
MBRB2040CT - MBRB20200CT
CURRENT: 20A
Feaures
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
SCHOTTKY BARRIER RECTIFIERS
 High efficiencty operation
 Low power loss
 High forward surge capability
 Lead free in compliance with EU RoHS
2011/65/EU directive
 Green molding compound as per IEC61249
Std (Halogen Free)
 Low stored charge majority carrier conduction
VOLTAGE RANGE: 40 - 200V
1 of 2
www.sunmate.tw
TO-263(D PAK)
2
10±0.2
6.7±0.3
1.3±0.2
1.3±0.2
0.8±0.2
5.08±0.2
4.6±0.2
1.27±0.1
2.5±0.2
0-0.25
0.38±0.1
0~5
PIN1
PIN3
PIN2
Mechanical Data
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
 Weight:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
 Circuit figure: Single positive
TO-263(D PAK) 1.35 grams
2
PIN 1
PIN 3
PIN 2 &
(case)


Similar Part No. - MBRB2040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB2040CT MCC-MBRB2040CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2040CT MCC-MBRB2040CT Datasheet
467Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diode Semiconductor Kor...
MBRB2040CT DSK-MBRB2040CT Datasheet
381Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
MBRB2040CT CITC-MBRB2040CT Datasheet
101Kb / 3P
20A Surface Mount High Power Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBRB2040CT MCC-MBRB2040CT Datasheet
259Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBRB2040CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com