Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4725 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 20Page - Microchip Technology MCP4725 Datasheet HTML 21Page - Microchip Technology MCP4725 Datasheet HTML 22Page - Microchip Technology MCP4725 Datasheet HTML 23Page - Microchip Technology MCP4725 Datasheet HTML 24Page - Microchip Technology MCP4725 Datasheet HTML 25Page - Microchip Technology MCP4725 Datasheet HTML 26Page - Microchip Technology MCP4725 Datasheet HTML 27Page - Microchip Technology MCP4725 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
MCP4725
DS20002039E-page 24
 2007-2022 Microchip Technology Inc. and its subsidiaries
TABLE 6-2:
WRITE COMMAND TYPE
FIGURE 6-1:
Fast Mode Write Command.
C
2
C
1
C0
Command Name
Function
0
0
X
Fast Mode
This command is used to change the DAC register. EEPROM is not
affected
00
X
“
“
0
1
0
Write DAC Register
Load configuration bits and data code to the DAC Register
0
1
1
Write DAC Register
and
EEPROM
(a) Load configuration bits and data code to the DAC Register and
(b) also write the EEPROM
1
0
0
Reserved
Reserved for future use
1
0
1
Reserved
Reserved for future use
1
1
0
Reserved
Reserved for future use
1
1
1
Reserved
Reserved for future use
Note 1: X = Don’t Care. Fast Mode does not use C0 bit.
2: The MCP4725 ignores the “Reserved” commands.
1st byte (Device Addressing)
Device Code Address
R/W
ACK (MCP4725)
2nd byte
3rd byte
DAC Register Data (12 bits)
ACK (MCP4725)
Repeat bytes of 2nd and 3rd bytes
Write DAC Register using Fast Mode Write Command: (C2, C1) = (0, 0)
Fast Mode Command (C2, C1 = 0, 0)
ACK (MCP4725)
Power Down Select
START Bit
2nd byte
3rd byte
Read/Write Command
STOP Bit
STOP Bit
see Note 1
see Note 2
ACK (MCP4725)
see Note 2
Note 1: A2 and A1 bits are programmed at the factory by hard-wired, and A0 bit is determined by the logic state
of A0 pin.
2: The device updates VOUT at the falling edge of the ACK pulse of the 3rd byte.
11
0
0
A2
0
A1 A0
0
0 PD1 PD0 D11
D8
D10 D9
D7 D6 D5 D4 D3
D0
D2 D1
0
0
PD1 PD0 D11
D8
D10 D9
D7 D6 D5 D4 D3
D0
D2 D1
Bits
ACK (MCP4725)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com