Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP65R41 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP65R41
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R41 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP65R41 Datasheet HTML 13Page - Microchip Technology MCP65R41 Datasheet HTML 14Page - Microchip Technology MCP65R41 Datasheet HTML 15Page - Microchip Technology MCP65R41 Datasheet HTML 16Page - Microchip Technology MCP65R41 Datasheet HTML 17Page - Microchip Technology MCP65R41 Datasheet HTML 18Page - Microchip Technology MCP65R41 Datasheet HTML 19Page - Microchip Technology MCP65R41 Datasheet HTML 20Page - Microchip Technology MCP65R41 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 17
MCP65R41/6
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-61:
Reference Voltage
Tolerance.
FIGURE 2-62:
Reference Voltage
Tolerance.
0%
10%
20%
30%
40%
50%
2.0%
1.2%
0.4%
-0.4%
-1.2%
-2.0%
VTOL (mV)
VDD = 5.5V
VREF = 1.21V
Avg. = 0.02%
850 units
VDD = 1.8V
VREF = 1.21V
Avg. = 0.06%
850 units
0%
10%
20%
30%
40%
50%
2.0%
1.2%
0.4%
-0.4%
-1.2%
-2.0%
VTOL (mV)
VDD = 5.5V
VREF = 2.4V
Avg. = -0.22%
850 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com