Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4606 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC4606
Description  85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4606 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC4606 Datasheet HTML 22Page - Microchip Technology MIC4606 Datasheet HTML 23Page - Microchip Technology MIC4606 Datasheet HTML 24Page - Microchip Technology MIC4606 Datasheet HTML 25Page - Microchip Technology MIC4606 Datasheet HTML 26Page - Microchip Technology MIC4606 Datasheet HTML 27Page - Microchip Technology MIC4606 Datasheet HTML 28Page - Microchip Technology MIC4606 Datasheet HTML 29Page - Microchip Technology MIC4606 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MIC4606
DS20005604D-page 26
 2017-2019 Microchip Technology Inc.
The power dissipated in the driver equals the ratio of
RON and ROFF to the external resistive losses in RG
and RG_FET. Letting RON = ROFF, the power dissipated
in the driver due to driving the external MOSFET is:
EQUATION 7-9:
There are four MOSFETs driven by the MIC4606. The
power dissipation for each of the drivers must be calcu-
lated and summed to obtain the total driver diode power
dissipation for the package.
In some cases, the high-side FET of one phase may be
pulsed at a frequency, fS, while the low-side FET of the
other phase is kept continuously on. Since the
MOSFET gate is capacitive, there is no driver power if
the FET is not switched. The operation of each of the
four drivers must be considered to accurately calculate
power dissipation.
7.7
Supply Current Power Dissipation
Power is dissipated in the input and control sections of
the MIC4606, even if there is no external load. Current
is still drawn from the VDD and HB pins for the internal
circuitry, the level-shifting circuitry and shoot-through
current in the output drivers. The VDD and HB currents
are proportional to the operating frequency and the
VDD and VHB voltages. The typical characteristic
graphs show how supply current varies with switching
frequency and supply voltage.
The power dissipated by the MIC4606 due to supply
current is:
EQUATION 7-10:
Values for IDD and IHB are found in the Electrical Char-
acteristics
tables and the Typical Performance
Curves
graphs.
7.8
Total Power Dissipation and
Thermal Considerations
Total power dissipation in the MIC4606 is equal to the
power dissipation caused by driving the external
MOSFETs, the supply currents and the internal
bootstrap diodes.
EQUATION 7-11:
The die temperature can be calculated after the total
power dissipation is known.
EQUATION 7-12:
7.9
Other Timing Considerations
Make sure the input signal pulse width is greater than
the minimum specified pulse width. An input signal that
is less than the minimum pulse width may result in no
output pulse or an output pulse whose width is
significantly less than the input.
The maximum duty cycle (ratio of high-side on-time to
switching period) is controlled by the minimum pulse
width of the low side and by the time required for the CB
capacitor to charge during the off-time. Adequate time
must be allowed for the CB capacitor to charge up
before the high-side driver is turned on.
7.10
Decoupling and Bootstrap
Capacitor Selection
Decoupling capacitors are required for both the
low-side (VDD) and high-side (HB) supply pins. These
capacitors supply the charge necessary to drive the
external MOSFETs and also minimize the voltage
ripple on these pins. The capacitor from HB to HS has
two functions: it provides decoupling for the high-side
circuitry and also provides current to the high-side
circuit while the high-side external MOSFET is on.
Ceramic capacitors are recommended because of their
low-impedance and small size. Z5U-type ceramic
capacitor dielectrics are not recommended because of
the large change in capacitance over temperature and
voltage. A minimum value of 0.1 µF is required for CB
(HB to HS capacitors) and 1 µF for the VDD capacitor,
regardless of the MOSFETs being driven. Larger
MOSFETs may require larger capacitance values for
proper operation.
The voltage rating of the capacitors depends on the
supply voltage, ambient temperature and the voltage
derating used for reliability. 25V rated X5R or X7R
ceramic capacitors are recommended for most applica-
tions. The minimum capacitance value should be
increased if low-voltage capacitors are used because
even good quality dielectric capacitors, such as X5R,
will lose 40% to 70% of their capacitance value at the
rated voltage.
Pdissdriver
PDRIVER
RON
RON RG RG_FET
++
--------------------------------------------------
=
Pdisssupply
VDD IDD VHB IHB
+
=
Pdisstotal
Pdisssupply Pdissdrive PDIODE
++
=
TJ
TA PDISStotal
+
JA
=
Where:
TA = Maximum Ambient Temperature
TJ = Junction Temperature
PDISStotal = Total Power Dissipation
θJA = Thermal Resistance from Junction
to Ambient Air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com