Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXE010S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RXE010S
Description  PolySwitch RXE device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXE010S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RXE010S Datasheet HTML 3Page - List of Unclassifed Manufacturers RXE010S Datasheet HTML 4Page - List of Unclassifed Manufacturers RXE010S Datasheet HTML 5Page - List of Unclassifed Manufacturers RXE010S Datasheet HTML 6Page - List of Unclassifed Manufacturers RXE010S Datasheet HTML 7Page - List of Unclassifed Manufacturers RXE010S Datasheet HTML 8Page - List of Unclassifed Manufacturers RXE010S Datasheet HTML 9Page - List of Unclassifed Manufacturers RXE010S Datasheet HTML 10Page - List of Unclassifed Manufacturers RXE010S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4
Raychem Circuit Protection Devices
RXE Devices
171
RXE Product Data
Now that you have selected your RXE device, please review the
device’s characteristics in this section to verify that the device will
perform as required.
Electrical characteristics (20°C)
Max. time
Initial resistance
Post-trip resistance
Part
IH
IT
to trip (s)
Pd
R min.
R max.
R1 max .
Number
(A)
(A)
at 5 x IH
(W)
(
Ω )( Ω )( Ω )
RXE010
0.10
0.20
4.0
0.38
2.50
4.50
7.50
RXE017
0.17
0.34
3.0
0.48
3.30
5.21
8.00
RXE020
0.20
0.40
2.2
0.41
1.83
2.75
4.40
RXE025
0.25
0.50
2.5
0.45
1.25
1.95
3.00
RXE030
0.30
0.60
3.0
0.49
0.88
1.33
2.10
RXE040
0.40
0.80
3.8
0.56
0.55
0.86
1.29
RXE050
0.50
1.00
4.0
0.77
0.50
0.77
1.17
RXE065
0.65
1.30
5.3
0.88
0.31
0.48
0.72
RXE075
0.75
1.50
6.3
0.92
0.25
0.40
0.60
RXE090
0.90
1.80
7.2
0.99
0.20
0.31
0.47
RXE110
1.10
2.20
8.2
1.50
0.15
0.25
0.38
RXE135
1.35
2.70
9.6
1.70
0.12
0.19
0.30
RXE160
1.60
3.20
11.4
1.90
0.09
0.14
0.22
RXE185
1.85
3.70
12.6
2.10
0.08
0.12
0.19
RXE250
2.50
5.00
15.6
2.50
0.05
0.08
0.13
RXE300
3.00
6.00
19.8
2.80
0.04
0.06
0.10
RXE375
3.75
7.50
24.0
3.20
0.03
0.05
0.08
IH = Hold current—maximum current at which the device will not trip at 20°C.
IT = Trip current—minimum current at which the device will always trip at 20°C.
Pd = Typical power dissipation—typical amount of power dissipated by the device when in tripped state in 20°C still air.
R min. = Minimum device resistance at 20°C prior to tripping.
R max. = Maximum device resistance at 20°C prior to tripping.
R1 max. = Maximum device resistance at 20°C measured 1 hour post trip.
Physical characteristics
Lead material
RXE010: Tin coated nickel-copper alloy, 24 AWG,
∅ 0.51 mm/0.020 in
RXE017–040: Tin/lead-plated copper-clad steel, 24 AWG,
∅ 0.51 mm/0.020 in
RXE050–090: Tin/lead-plated copper, 24 AWG,
∅ 0.51 mm/0.020 in
RXE110–375: Tin-plated copper, 20 AWG,
∅ 0.81 mm/0.032 in
Soldering characteristics
Solderability per MIL-STD-202, Method 208E
Solder heat withstand per MIL-STD-202, Method 210, Condition B
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-O
requirements
RXE
Radial Leaded
Note: Devices are not designed to be placed through a reflow process.
RXE(7)
1/15/99 11:44 AM
Page 171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com