Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSH201 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BSH201
Description  P-channel enhancement mode MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSH201 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BSH201 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSH201 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSH201 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSH201 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSH201 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSH201 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSH201 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSH201 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
P-channel enhancement mode
BSH201
MOS transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low threshold voltage
V
DS = -60 V
• Fast switching
• Logic level compatible
I
D = -0.3 A
• Subminiature surface mount
package
R
DS(ON) ≤ 2.5 Ω (VGS = -10 V)
GENERAL DESCRIPTION
PINNING
SOT23
P-channel, enhancement mode,
PIN
DESCRIPTION
logic
level,
field-effect
power
transistor. This device has low
1
gate
threshold voltage and extremely
fast switching making it ideal for
2
source
battery powered applications and
high speed digital interfacing.
3
drain
The BSH201 is supplied in the
SOT23
subminiature
surface
mounting package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-60
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-
-60
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Drain current (DC)
T
a = 25 ˚C
-
-0.3
A
T
a = 100 ˚C
-
-0.19
A
I
DM
Drain current (pulse peak value)
T
a = 25 ˚C
-
-1.2
A
P
tot
Total power dissipation
T
a = 25 ˚C
-
0.417
W
T
a = 100 ˚C
-
0.17
W
T
stg, Tj
Storage & operating temperature
- 55
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-a
Thermal resistance junction to
FR4 board, minimum
300
-
K/W
ambient
footprint
d
g
s
1
2
3
Top view
August 1998
1
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com