Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BSP100
Description  N-channel enhancement mode TrenchMOSÔ transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BSP100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
BSP100
TrenchMOS
™ transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
V
DSS = 30 V
• Low on-state resistance
• Fast switching
I
D = 6 A
• High thermal cycling performance
• Low thermal resistance
R
DS(ON) ≤ 100 mΩ (VGS = 10 V)
R
DS(ON) ≤ 200 mΩ (VGS = 4.5 V)
GENERAL DESCRIPTION
PINNING
SOT223
N-channel
enhancement
mode
PIN
DESCRIPTION
field-effect transistor in a plastic
envelope
using
’trench’
1
gate
technology.
2
drain
Applications:-
• Motor and relay drivers
3
source
• d.c. to d.c. converters
• Logic level translator
4
drain (tab)
The BSP100 is supplied in the
SOT223
surface
mounting
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
30
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-30
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
sp =
25 ˚C
-
6
1
A
T
sp = 100 ˚C
-
4.4
A
T
amb =
25 ˚C
-
3.2
A
I
DM
Pulsed drain current
T
sp = 25 ˚C
-
24
A
P
D
Total power dissipation
T
sp = 25 ˚C
-
8.3
W
T
j, Tstg
Operating junction and
- 65
150
˚C
storage temperature
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-sp
Thermal resistance junction to
surface mounted, FR4
12
15
K/W
solder point
board
R
th j-amb
Thermal resistance junction to
surface mounted, FR4
70
-
K/W
ambient
board
d
g
s
4
1
23
1 Continuous current rating limited by package
February 1999
1
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com