Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS123 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BSS123
Description  N-channel TrenchMOS transistor Logic level FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSS123 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BSS123 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSS123 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSS123 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSS123 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSS123 Datasheet HTML 5Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
 transistor
BSS123
Logic level FET
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
• Extremely fast switching
V
DSS = 100 V
• Logic level compatible
• Subminiature surface mounting
I
D = 150 mA
package
R
DS(ON) ≤ 6 Ω (VGS = 10 V)
GENERAL DESCRIPTION
PINNING
SOT23
N-channel
enhancement
mode
PIN
DESCRIPTION
field-effect transistor in a plastic
envelope
using
’trench’
1
gate
technology.
2
source
Applications:-
• Relay driver
3
drain
• High-speed line driver
• Telephone ringer
The BSS123 is supplied in the
SOT23
subminiature
surface
mounting package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
100
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-
100
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
a = 25 ˚C
-
150
mA
I
DM
Pulsed drain current
T
a = 25 ˚C
-
600
mA
P
D
Total power dissipation
T
a = 25 ˚C
-
0.25
W
T
j, Tstg
Operating junction and
- 55
150
˚C
storage temperature
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-a
Thermal resistance junction
surface mounted on FR4 board
500
-
K/W
to ambient
d
g
s
1
2
3
Top view
August 2000
1
Rev 1.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com