Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD63 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # UPD63
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button UPD63 Datasheet HTML 60Page - Renesas Technology Corp UPD63 Datasheet HTML 61Page - Renesas Technology Corp UPD63 Datasheet HTML 62Page - Renesas Technology Corp UPD63 Datasheet HTML 63Page - Renesas Technology Corp UPD63 Datasheet HTML 64Page - Renesas Technology Corp UPD63 Datasheet HTML 65Page - Renesas Technology Corp UPD63 Datasheet HTML 66Page - Renesas Technology Corp UPD63 Datasheet HTML 67Page - Renesas Technology Corp UPD63 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
62
µPD63, 63A, 64
(5) Carrier waveform (Enlarged waveform of each code’s high period)
REM output
8.77 s
9 ms or 0.56 ms
Carrier frequency : 38 kHz
26.3 s
µ
µ
(6) Bit array of each code
C0 C1 C2 C3 C4 C5 C6 C7 C0'
C0
or
Co
C1'
C1
or
C1
C2'
C2
or
C2
C3'
C3
or
C3
C4'
C4
or
C4
C5'
C5
or
C5
C6'
C6
or
C6
C7'
C7
or
C7
D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7
Data code
Data code
Custom code'
Custom code
Leader code
Caution To prevent malfunction with other systems when receiving data in the NEC transmission
format, not only fully decode (make sure to check Data Code as well) the total 32 bits of the
16-bit custom codes (Custom Code, Custom Code’) and the 16-bit data codes (Data Code,
Data Code) but also check to make sure that no signals are present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com