Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD67 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD67
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD67 Datasheet HTML 28Page - Renesas Technology Corp UPD67 Datasheet HTML 29Page - Renesas Technology Corp UPD67 Datasheet HTML 30Page - Renesas Technology Corp UPD67 Datasheet HTML 31Page - Renesas Technology Corp UPD67 Datasheet HTML 32Page - Renesas Technology Corp UPD67 Datasheet HTML 33Page - Renesas Technology Corp UPD67 Datasheet HTML 34Page - Renesas Technology Corp UPD67 Datasheet HTML 35Page - Renesas Technology Corp UPD67 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
30
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
5.3 Standby Mode Release Timing
(1) STOP mode release timing
Figure 5-1. STOP Mode Release by Release Condition
Caution When a release condition is met in the STOP mode, the device is released from the STOP mode,
and goes into a wait state. At this time, if the release condition is not held, the device goes
into STOP mode again after the wait time has elapsed. Therefore, when releasing the STOP
mode, it is necessary to hold the release condition longer than the wait time.
(2) HALT mode release timing
Figure 5-2. HALT Mode Release by Release Condition
Wait
(52/fX +
α)
HALT mode
Operation
mode
STOP mode
Oscillation
stopped
Oscillation
Operation
mode
Oscillation
HALT instruction
(STOP mode)
Standby
release signal
Clock
α : Oscillation growth time
HALT mode
Operation mode
Oscillation
Operation
mode
HALT instruction
(HALT mode)
Standby
release signal
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com