Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFS33 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS33
Description  SOLID STATE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS33 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS33 Datasheet HTML 1Page - Hongfa Technology HFS33 Datasheet HTML 2Page - Hongfa Technology HFS33 Datasheet HTML 3Page - Hongfa Technology HFS33 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
;OL[\YOZ
z*~yxs ,w|s3
{-*qhhiS{-*g.-inqlq S{-*ilhhiS*z-s-iphhi uw,.{x{wv
jhhn ,8If jfhh
|B47 IB?G4:8 E4A:8
|B47 6HEE8AG E4A:8
}4Kf BAeFG4G8 E8F<FG4A68
}4Kf GHEAeBA G<@8
}4Kf GHEAeB99 G<@8
}4Kf B99eFG4G8 ?84>4:8
6HEE8AG a4G E4G87 IB?G4:8b
}4Kf BAeFG4G8 IB?G4:8
7EBC a4G E4G87 6HEE8AGb
}4Kf -HE:8 6HEE8AG
aih@F86b
s@5<8AG G8@C8E4GHE8
v<8?86GE<6 FGE8A:G;
a{ACHGg*HGCHGgt4F8b
{AFH?4G<BA E8F<FG4A68
jmhh0sud mhgnhzMdi@<Af
ihhh} a4G mhh0vub
BV[OZ 6 aib s?? C4E4@8G8EF 4G jm
ajb-88 uzs,su.w,{-.{u vs.s
{A7H6G<I8 ?B47F @HFG 58 7<B78 FHCCE8FF87f
1;8A 6;BBF<A: 4 --,d C?84F8 ABG<68 G;8 46GH4? ?B47 6HEE8AG 4A7 JBE><A: 4@5<8AG G8@C8E4GHE8f .B HF8 G;8 --, 6BEE86G?Ld
C?84F8 E898E GB uzs,su.w,{-.{u vs.s 4A7 @4>8 FHE8 G;8 ;84G F<A> F<M8 J;8A <G JBE>F <A 9H?? ?B47 6HEE8AGf
sCC?L ;84GeE47<4G<BA F<?<6BA :E84F8 B9 4 ;84G 6BA7H6G<I8 F;88G 58GJ88A G;8 --, 4A7 ;84G F<A>f .;8E8 J<?? 58 4 FC468 58GJ88A
G;8 --, 4A7 ;84G F<A> sGG46;87 GB G;8 --,f .;8E89BE8d G;8 :8A8E4G87 ;84G B9 G;8
--, 64AABG 58 E47<4G87 CEBC8E?L J<G;BHG G;8 :E84F8fsF 4 E8FH?Gd G;8 --, @4L 58
BI8E;84G87 4A7 74@4:87 BE 78G8E<BE4G87f
.<:;G8A G;8 --, G8E@<A4? F6E8JF CEBC8E?Lf{9 G;8 F6E8JF 4E8 ABG G<:;Gd G;8 --,
J<?? 58 v4@4:87 5L ;84G :8A8E4G87 J;8A G;8 CBJ8E <A *~f +8E9BE@ J<E<A:
HF<A: G;8 G<:;G8A<A: GBEDH8 F;BJA <A G;8 E<:;G G45?8f
zx-kk -8E<8F B998E kekj0vu <ACHG 6BAGEB? 4A7 HF8 }*-xw. G86;AB?B:L GB CEBI<78 4A 86BAB@<64? 4A7 E8?<45?8 @8G;B7 B9
FJ<G6;<A: @87<H@ 4A7 ;<:; CBJ8E vu ?B47F f.;8F8 E8?4LF 6B@5<A8 ?BJBAeFG4G8 E8F<FG4A68 J<G; 94FG FJ<G6;<A: G<@8Ff.;8L 4E8
4I4<?45?8 J<G; FJ<G6;<A: 6HEE8AGF mhs 4G kh0d ihhs 4G kh0d lhs 4G mh0d phs 4G mh0 4A7 jhs 4G ihh0d lhs 4G ihh0dmhs 4G imh0d
ihs 4G jhh0dlhs 4G jhh0d4A7ihs 4G lhh0 8G6f
-6E8JF<M8 ,86B@@8A787 G<:;G8A87
GBEDH8
}k
hfmp GB hfqp ~O@
}l
hfqp GB ifko ~O@
hfi@s
hfm@F
hfm@F
h GB kh0vu
h GB mh0vu
h GB ihh0vu
h GB jhh0vu
h GB lhh0vu
hfi@s
hfi@s
hfhjeihhs
hfhje phs
hfhjelhs
hfhjeihs
hfhjeihs
ifm0
i0
hfkm0
hfnl0
jfl0
kfm@
p@
kofm@
ihm@
hfjl
jlhs
jhhs
inhs
lhs
lhs
9.2/9UA
9.4/9UA
9.0//9UA
9.3//9UA
9.1//9UA
hfi@s
hfi@s
9.04/9UA
h GB imh0vu
hfhjemhs
hfhje lhs
hfhjejhs
hfhjemhs
hfhjelhs
hfi@s
ifm0
i0
hfkm0
hfnl0
hfn0
o@
in@
om@
ij@
km@
ijhs
ihhs
phs
jhhs
ikhs
FC@>9 FG7G: E:@7K
}*-xw. BHGCHG
vu 6BAGEB?
|BJBAeFG4G8 E8F<FG4A68
+;BGB <FB?4G<BA
jmhh0 7<8?86GE<6 FGE8A:G;
,Bz- 6B@C?<4AG
T
T
T
T
T
T
CHGDHG
9:F8E>DG>CB
DE:87HG>CBF
k GB kj0vu a1<G;BHG |wvb
l GB kj0vu a1<G; |wvb
k0vu
ifh0vu
jp@sa4G kj0vub
ekj0vu
>BDHG
}HFG BC8E4G8 IB?G4:8
}HFG E8?84F8 IB?G4:8
}4Kf <ACHG 6HEE8AG
}4Kf E8I8EF8 IB?G4:8
ekh
GB cph
ekh GB cihh
.LCfph:
*C8E4G<A:
-GBE4:8
/A<G J8<:;G
<:B:E7@
mh
ihh
lh
ph
jh
lh
ih
mh
ih
lh
=;F22+?<.22;,
uBAGEB? IB?G4:8 E4A:8
aib
lh
if
jf
kf
lf
ajb


Similar Part No. - HFS33

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFS32D HONGFA-HFS32D Datasheet
58Kb / 3P
SOLID STATERELAY
HFS32D/05D-48D0R1T-NXXX HONGFA-HFS32D/05D-48D0R1T-NXXX Datasheet
58Kb / 3P
SOLID STATERELAY
HFS32D/12D-48D0R1T-NXXX HONGFA-HFS32D/12D-48D0R1T-NXXX Datasheet
58Kb / 3P
SOLID STATERELAY
HFS32D/24D-48D0R1T-NXXX HONGFA-HFS32D/24D-48D0R1T-NXXX Datasheet
58Kb / 3P
SOLID STATERELAY
HFS32D/60D-48D0R1T-NXXX HONGFA-HFS32D/60D-48D0R1T-NXXX Datasheet
58Kb / 3P
SOLID STATERELAY
More results

Similar Description - HFS33

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com