Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLUS16R8 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PLUS16R8
Description  PAL devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R8 Datasheet(HTML) 1 Page - NXP Semiconductors

  PLUS16R8 Datasheet HTML 1Page - NXP Semiconductors PLUS16R8 Datasheet HTML 2Page - NXP Semiconductors PLUS16R8 Datasheet HTML 3Page - NXP Semiconductors PLUS16R8 Datasheet HTML 4Page - NXP Semiconductors PLUS16R8 Datasheet HTML 5Page - NXP Semiconductors PLUS16R8 Datasheet HTML 6Page - NXP Semiconductors PLUS16R8 Datasheet HTML 7Page - NXP Semiconductors PLUS16R8 Datasheet HTML 8Page - NXP Semiconductors PLUS16R8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
36
September 10, 1993
853–1358 10777
FEATURES
• Ultra high-speed
– tPD = 7.5ns and fMAX = 74MHz for the
PLUS16R8-7 Series
– tPD = 10ns and fMAX = 60 MHz for the
PLUS16R8D Series
• 100% functionally and pin-for-pin
compatible with industry standard 20-pin
PAL® ICs
• Power-up reset function to enhance state
machine design and testability
• Design support provided via SNAP and
other CAD tools for Series 20 PAL devices
• Field-programmable on industry standard
programmers
• Security fuse
• Individual 3-State control of all outputs
DESCRIPTION
The Philips Semiconductors PLUS16XX
family consists of ultra high-speed 7.5ns and
10ns versions of Series 20 PAL devices.
The PLUS16XX family is 100% functional
and pin-compatible with the 16L8, 16R8,
16R6, and 16R4 Series devices.
The sum of products (AND-OR) architecture
is comprised of 64 programmable AND gates
and 8 fixed OR gates. Multiple bidirectional
pins provide variable input/output pin ratios.
Individual 3-State control of all outputs and
registers with feedback (R8, R6, R4) is also
provided. Proprietary designs can be
protected by programming the security fuse.
The PLUS16R8, R6, and R4 have D-type
flip-flops which are loaded on the
Low-to-High transition of the clock input.
In order to facilitate state machine design and
testing, a power-up reset function has been
incorporated into these devices to reset all
internal registers to Active-Low after a
specific period of time.
The Philips Semiconductors State-of-the-Art
oxide isolation Bipolar fabrication process is
employed to achieve high-performance
operation.
The PLUS16XX family of devices are field
programmable, enabling the user to quickly
generate custom patterns using standard
programming equipment. See the
programmer chart for qualified programmers.
The SNAP software package from Philips
Semiconductors supports easy design entry
for the PLUS16XX series as well as other
PLD devices from Philips Semiconductors.
The PLUS16XX series are also supported by
other standard CAD tools for PAL-type
devices.
Order codes are listed in the Ordering
Information table.
DEVICE NUMBER
DEDICATED
INPUTS
COMBINATORIAL
OUTPUTS
REGISTERED
OUTPUTS
PLUS16L8
10
8 (6 I/O)
0
PLUS16R8
8
0
8
PLUS16R6
8
2 I/O
6
PLUS16R4
8
4 I/O
4
ORDERING INFORMATION
DESCRIPTION
ORDER CODE
DRAWING NUMBER
20-Pin Plastic Dual-In-Line
300mil-wide
PLUS16R8DN
PLUS16R6DN
PLUS16R4DN
PLUS16L8DN
PLUS16R8–7N
PLUS16R6–7N
PLUS16R4–7N
PLUS16L8–7N
0408B
20-Pin Plastic Leaded Chip Carrier (PLCC)
PLUS16R8DA
PLUS16R6DA
PLUS16R4DA
PLUS16L8DA
PLUS16R8–7A
PLUS16R6–7A
PLUS16R4–7A
PLUS16L8–7A
0400E
NOTE:
The PLUS16XX series of devices are also processed to military requirements for operation over
the military temperature range. For specifications and ordering information, consult the Philips
Semiconductors Military Data Book.
®PAL is a registered trademark of Advanced Micro Devices, Inc.


Similar Part No. - PLUS16R8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153BA PHILIPS-PLUS153BA Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153BN PHILIPS-PLUS153BN Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153D PHILIPS-PLUS153D Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS153DA PHILIPS-PLUS153DA Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results

Similar Description - PLUS16R8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
Zero standby power CMOS versatile PAL devices
1997 Aug 08
TDA3561A PHILIPS-TDA3561A Datasheet
165Kb / 14P
PAL decoder
September 1982
TDA3565 PHILIPS-TDA3565 Datasheet
116Kb / 12P
PAL decoder
April 1986
TDA4510 PHILIPS-TDA4510 Datasheet
69Kb / 9P
PAL decoder
March 1986
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
PAL DECODER
January 1980
logo
Pasternack Enterprises,...
PE9680 PASTERNACK-PE9680 Datasheet
102Kb / 1P
PAL PLUG TO PAL PLUG
PE9681 PASTERNACK-PE9681 Datasheet
102Kb / 1P
PAL JACK TO PAL JACK
logo
Adam Technologies, Inc.
RF34-01-T-00-75 ADAM-TECH-RF34-01-T-00-75 Datasheet
75Kb / 1P
PAL CONNECTOR
RF34-02-T-00-75 ADAM-TECH-RF34-02-T-00-75 Datasheet
76Kb / 1P
PAL CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com