Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLUS16R6 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PLUS16R6
Description  PAL devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R6 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PLUS16R6 Datasheet HTML 5Page - NXP Semiconductors PLUS16R6 Datasheet HTML 6Page - NXP Semiconductors PLUS16R6 Datasheet HTML 7Page - NXP Semiconductors PLUS16R6 Datasheet HTML 8Page - NXP Semiconductors PLUS16R6 Datasheet HTML 9Page - NXP Semiconductors PLUS16R6 Datasheet HTML 10Page - NXP Semiconductors PLUS16R6 Datasheet HTML 11Page - NXP Semiconductors PLUS16R6 Datasheet HTML 12Page - NXP Semiconductors PLUS16R6 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TEMPERATURE
Maximum junction
Maximum ambient
Allowable thermal
rise ambient to
junction
150
°C
75
°C
75
°C
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
September 10, 1993
44
ABSOLUTE MAXIMUM RATINGS1
THERMAL RATINGS
RATINGS
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
+7
VDC
VIN
Input voltage
–1.2
+8.0
VDC
VOUT
Output voltage
–0.5
VCC + 0.5V
VDC
IIN
Input currents
–30
+30
mA
IOUT
Output currents
+100
mA
Tstg
Storage temperature range
–65
+150
°C
NOTE:
1. Stresses above those listed may cause malfunction or permanent damage to the device. This
is a stress rating only. Functional operation at these or any other condition above those
indicated in the operational and programming specification of the device is not implied.
OPERATING RANGES
RATINGS
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
+4.75
+5.25
VDC
Tamb
Operating free–air temperature
0
+75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com