| Electronic Components Datasheet Search |
|
AT24CS32-SSHM-B Datasheet(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AT24CS32-SSHM-B Datasheet(HTML) 19 Page - Microchip Technology |
|
19 / 42 page ![]() Figure 7-2. Page Write SCL SDA Start Condition by Master ACK from Slave ACK from Slave Device Address Byte First Word Address Byte MSb MSb 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 0 1 0 A 2 A 1 A 0 0 0 X X X X A11 A10 A9 A8 0 ACK from Slave ACK from Slave Stop Condition by Master ACK from Slave Second Word Address Byte Data Word (n) Data Word (n+x), max of 32 without rollover 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 A7 A6 A5 A4 A3 A2 A1 A0 0 D7 D6 D5 D4 D3 D2 D1 D0 0 D7 D6 D5 D4 D3 D2 D1 D0 0 MSb MSb MSb 7.3 Acknowledge Polling An Acknowledge Polling routine can be implemented to optimize time-sensitive applications that would prefer not to wait the fixed maximum write cycle time (tWR). This method allows the application to know immediately when the Serial EEPROM write cycle has completed, so a subsequent operation can be started. Once the internally self-timed write cycle has started, an Acknowledge Polling routine can be initiated. This involves repeatedly sending a Start condition followed by a valid device address byte with the R/W bit set at logic ‘0’. The device will not respond with an ACK while the write cycle is ongoing. Once the internal write cycle has completed, the EEPROM will respond with an ACK, allowing a new read or write operation to be immediately initiated. A flowchart has been included below in Figure 7-3 to better illustrate this technique. Figure 7-3. Acknowledge Polling Flowchart Did the device ACK? Send any Write protocol. Send Stop condition to initiate the Write cycle. Send Start condition followed by a valid Device Address byte with R/W = 0. Proceed to next Read or Write operation. NO YES 7.4 Write Cycle Timing The length of the self-timed write cycle (tWR) is defined as the amount of time from the Stop condition that begins the internal write cycle to the Start condition of the first device address byte sent to the AT24CS32 that it subsequently responds to with an ACK. Figure 7-4 has been included to show this measurement. During the internally self-timed write cycle, any attempts to read from or write to the memory array will not be processed. AT24CS32 Write Operations © 2020 Microchip Technology Inc. Datasheet DS20006341A-page 19 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |