Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP0349P Datasheet(PDF) 2 Page - Microchip Technology

Part # ICP0349P
Description  2.7-3.5GHz 70W GaN PA MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP0349P Datasheet(HTML) 2 Page - Microchip Technology

  ICP0349P Datasheet HTML 1Page - Microchip Technology ICP0349P Datasheet HTML 2Page - Microchip Technology ICP0349P Datasheet HTML 3Page - Microchip Technology ICP0349P Datasheet HTML 4Page - Microchip Technology ICP0349P Datasheet HTML 5Page - Microchip Technology ICP0349P Datasheet HTML 6Page - Microchip Technology ICP0349P Datasheet HTML 7Page - Microchip Technology ICP0349P Datasheet HTML 8Page - Microchip Technology ICP0349P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2.7-3.5GHz 70W GaN PA MMIC
ICP0349P
Datasheet Rev B
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 2
Drain Voltage (VD)
40.0V
Gate Voltage Range (VG)
-5 to 0V
Gate Current (IG)
5mA
Drain Current (CW) TA=25ºC
4.3A
Power Dissipation (CW) TA=25ºC
Power Dissipation (CW) TA=85ºC
104W
73W
CW Input Power 50ohm, TA=25ºC
+27dBm
Channel Temperature
275°C
Storage Temperature
-65°C to +150°C
Input Power VSWR (2:1),
VD=20V, IDQ=84mA
VD=24V, IDQ=84mA
20dBm
Reflow Profile
260°C
Exceeding any one or combination of these limits may cause
permanent damage to this device.
ICONIC RF does not recommend sustained operation near
these survivability limits.
Absolute Maximum Ratings
Ordering Information
Part No.
ICP0349PP7-1-300I
7x7mm QFN Package
ICP0349P-1-501U
Evaluation Board with SMA connectors
Thermal and Reliability
Thermal Resistance
VD=28V, IDQ=1A, PDiss=28W (DC,CW)
1.81ºC/W
Notes

Package soldered to PCB

Thermal resistance calculated using IR measurement of
the channel temperature to top of PCB.

Temperature at the base of the PCB maintained at 70ºC
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Integrated Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
Moisture Sensitivity Level
Level 3 (IPC/JEDEC J-STD-020)
Bias-Up Procedure
 Set VG=-5V
 Set VD to 28V
 Adjust VG positive until ID quiescent is 200mA
 Limit ID to 7A
 Apply RF Signal
Bias-down Procedure
 Turn off RF
 Turn off VD, allow drain capacitor to discharge
 Turn off VG.
Solderability
Compatible with the latest version of J-STD-020
Lead free solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com