Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP1240 Datasheet(PDF) 4 Page - Microchip Technology

Part # ICP1240
Description  6-18GHz 10W GaN PA MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP1240 Datasheet(HTML) 4 Page - Microchip Technology

  ICP1240 Datasheet HTML 1Page - Microchip Technology ICP1240 Datasheet HTML 2Page - Microchip Technology ICP1240 Datasheet HTML 3Page - Microchip Technology ICP1240 Datasheet HTML 4Page - Microchip Technology ICP1240 Datasheet HTML 5Page - Microchip Technology ICP1240 Datasheet HTML 6Page - Microchip Technology ICP1240 Datasheet HTML 7Page - Microchip Technology ICP1240 Datasheet HTML 8Page - Microchip Technology ICP1240 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
6-18GHz 10W GaN PA MMIC
ICP1240
Engineering Datasheet Rev F
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 4
Typical Large Signal Data, CW | Test conditions unless otherwise stated V
D=18V, 20V,24V, IDQ=280mA ,TA=25
oC, CW
Pout vs Pin
PAE vs Pout
21
23
25
27
29
31
33
35
37
39
41
43
45
3
5
7
9
11 13 15 17 19 21 23 25 27 29 31
Pin (dBm)
Pout vs. Pin @6GHz
18V
20V
24V
21
23
25
27
29
31
33
35
37
39
41
43
45
3
5
7
9
11 13 15 17 19 21 23 25 27 29 31
Pin (dBm)
Pout vs. Pin @12GHz
18V
20V
24V
21
23
25
27
29
31
33
35
37
39
41
43
45
3
5
7
9
11 13 15 17 19 21 23 25 27 29 31
Pin (dBm)
Pout vs. Pin @18GHz
18V
20V
24V
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
23
25
27
29
31
33
35
37
39
41
43
45
Pout (dBm)
Gain vs. Pout @6GHz
18V
20V
24V
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
23
25
27
29
31
33
35
37
39
41
43
45
Pout (dBm)
Gain vs. Pout @12GHz
18V
20V
24V
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
23
25
27
29
31
33
35
37
39
41
43
45
Pout (dBm)
Gain vs. Pout @18GHz
18V
20V
24V
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com