Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP1543 Datasheet(PDF) 13 Page - Microchip Technology

Part # ICP1543
Description  12-18GHz 20W GaN PA MMIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP1543 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ICP1543 Datasheet HTML 9Page - Microchip Technology ICP1543 Datasheet HTML 10Page - Microchip Technology ICP1543 Datasheet HTML 11Page - Microchip Technology ICP1543 Datasheet HTML 12Page - Microchip Technology ICP1543 Datasheet HTML 13Page - Microchip Technology ICP1543 Datasheet HTML 14Page - Microchip Technology ICP1543 Datasheet HTML 15Page - Microchip Technology ICP1543 Datasheet HTML 16Page - Microchip Technology ICP1543 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
12-18GHz 20W GaN PA MMIC
ICP1543
Datasheet Rev E
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 13
Typical Two Tone Data | Test conditions unless otherwise stated V
D=24V, IDQ=150mA, Tone Spacing = 1MHz
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
28
30
32
34
36
38
40
42
44
46
Pout (dBm)
IM3 vs. Pout
(Freq=12GHz, Vds=24, Temp=25°C)
Idq (mA)=400, Freq (GHz) = 12
Idq (mA)=350, Freq (GHz) = 12
Idq (mA)=300, Freq (GHz) = 12
Idq (mA)=250, Freq (GHz) = 12
Idq (mA)=200, Freq (GHz) = 12
Idq (mA)=150, Freq (GHz) = 12
Idq (mA)=100, Freq (GHz) = 12
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
28
30
32
34
36
38
40
42
44
46
Pout (dBm)
IM3 vs. Pout
(Freq=15GHz, Vds=24, Temp=25°C)
Idq (mA)=400, Freq (GHz) = 15
Idq (mA)=350, Freq (GHz) = 15
Idq (mA)=300, Freq (GHz) = 15
Idq (mA)=250, Freq (GHz) = 15
Idq (mA)=200, Freq (GHz) = 15
Idq (mA)=150, Freq (GHz) = 15
Idq (mA)=100, Freq (GHz) = 15
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
28
30
32
34
36
38
40
42
44
46
Pout (dBm)
IM3 vs. Pout
(Freq=18GHz, Vds=24, Temp=25°C)
Idq (mA)=400, Freq (GHz) = 18
Idq (mA)=350, Freq (GHz) = 18
Idq (mA)=300, Freq (GHz) = 18
Idq (mA)=250, Freq (GHz) = 18
Idq (mA)=200, Freq (GHz) = 18
Idq (mA)=150, Freq (GHz) = 18
Idq (mA)=100, Freq (GHz) = 18
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
28
30
32
34
36
38
40
42
44
46
Pout (dBm)
IM3 vs. Pout
(Vds=24, idq=150mA, Temp=25°C)
Freq (GHz)=18
Freq (GHz)=17
Freq (GHz)=16
Freq (GHz)=15
Freq (GHz)=14
Freq (GHz)=13
Freq (GHz)=12
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
28
30
32
34
36
38
40
42
44
46
Pout (dBm)
IM3 vs. Pout
(Vds=24, idq=150mA, Temp=-40°C)
Freq (GHz)=18
Freq (GHz)=17
Freq (GHz)=16
Freq (GHz)=15
Freq (GHz)=14
Freq (GHz)=13
Freq (GHz)=12
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
26
28
30
32
34
36
38
40
42
44
46
Pout (dBm)
IM3 vs. Pout
(Vds=24, idq=150mA, Temp=85°C)
Freq (GHz)=18
Freq (GHz)=17
Freq (GHz)=16
Freq (GHz)=15
Freq (GHz)=14
Freq (GHz)=13
Freq (GHz)=12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com