Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2725AX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU2725AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2725AX Datasheet(HTML) 4 Page - NXP Semiconductors

  BU2725AX Datasheet HTML 1Page - NXP Semiconductors BU2725AX Datasheet HTML 2Page - NXP Semiconductors BU2725AX Datasheet HTML 3Page - NXP Semiconductors BU2725AX Datasheet HTML 4Page - NXP Semiconductors BU2725AX Datasheet HTML 5Page - NXP Semiconductors BU2725AX Datasheet HTML 6Page - NXP Semiconductors BU2725AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2725AX
Fig.7. DC current gain. h
FE = f (IC)
Parameter T
hs
(Low and high gain)
Fig.8. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.9. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.10. Limit storage and fall time.
t
s = f (IB); tf = f (IB); Ths = 85˚C; f = 16 kHz
Fig.11. Normalised power dissipation.
PD% = 100
⋅PD/PD 25˚C = f (T
hs)
Fig.12. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
0.01
0.1
1
10
100
1
10
100
hFE
BU2727A/AF
IC / A
VCE = 1 V
Ths = 25 C
Ths = 85 C
0123
4
0
1
2
3
4
5
6
7
8
9
10
IB / A
ts/tf/ us
BU2527AFX,DFX
0.1
1
10
100
0.01
0.1
1
10
BU2727A/AF
VCEsat / V
Ths = 85 C
Ths = 25 C
IC/IB = 12
IC/IB = 5
IC / A
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
01
234
0.6
0.7
0.8
0.9
1
VBEsat / V
BU2727A/AF
IB / A
IC = 6 A
4 A
Ths = 85 C
Ths = 25 C
1E-06
1E-04
1E-02
1E+00
t / s
Zth / (K/W)
BU2525AF
10
1
0.1
0.01
0.001
D =
tp
tp
T
T
P
t
D
D = 0
0.02
0.05
0.1
0.2
0.5
September 1997
4
Rev 1.400



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com